Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41793A8128Q001 Datasheet(PDF) 9 Page - TDK Electronics

Part # B41793A8128Q001
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41793A8128Q001 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B41793A8128Q001 Datasheet HTML 5Page - TDK Electronics B41793A8128Q001 Datasheet HTML 6Page - TDK Electronics B41793A8128Q001 Datasheet HTML 7Page - TDK Electronics B41793A8128Q001 Datasheet HTML 8Page - TDK Electronics B41793A8128Q001 Datasheet HTML 9Page - TDK Electronics B41793A8128Q001 Datasheet HTML 10Page - TDK Electronics B41793A8128Q001 Datasheet HTML 11Page - TDK Electronics B41793A8128Q001 Datasheet HTML 12Page - TDK Electronics B41793A8128Q001 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
VR =25VDC
470
14
× 25
260
1900
140
102
3.6
2.8
1.95
1.0
1000
16
× 30
130
900
75
55
5.3
4.2
2.9
1.4
1000
18
× 25
120
900
70
50
5.8
4.6
3.15
1.6
1500
16
× 39
85
600
50
39
7.4
5.8
4.0
2.0
1800
20
× 29
70
600
40
30
8.2
6.4
4.45
2.2
2000
18
× 39
70
500
42
26
7.9
6.2
4.3
4.1
3000
21
× 39
43
450
25
21
11.8
9.2
6.4
3.2
4000
21
× 49
33
320
20
16
14.9
11.7
8.0
4.0
VR =40VDC
330
12
× 30
320
2500
150
140
3.7
2.9
2.0
1.0
470
14
× 30
220
1700
110
102
4.5
3.5
2.45
1.2
680
16
× 30
160
1200
80
75
5.2
4.1
2.85
1.4
680
18
× 25
150
1200
75
70
5.6
4.4
3.05
1.5
820
16
× 35
130
900
69
65
6.2
4.9
3.4
1.7
1000
16
× 39
110
700
57
55
7.2
5.7
3.9
1.9
1000
18
× 30
115
700
65
62
5.7
4.5
3.1
1.5
1200
20
× 29
85
600
45
44
8.0
6.3
4.35
2.2
1500
18
× 39
75
500
45
43
7.9
6.2
4.3
2.1
2200
21
× 39
50
450
26
26
11.7
9.2
6.3
6.1
2700
21
× 49
40
330
21
21
14.7
11.5
7.9
3.9
VR =63VDC
100
12
× 30
700
3300
230
215
3.2
2.5
1.7
0.85
220
14
× 30
320
1700
110
102
4.6
3.6
2.5
1.25
330
16
× 30
220
1200
80
75
5.3
4.2
2.9
1.45
330
18
× 25
210
1200
74
70
5.9
4.6
3.2
1.6
470
16
× 39
150
900
55
52
7.3
5.7
4.0
2.0
560
20
× 29
120
630
45
44
8.1
6.4
4.4
2.2
680
18
× 39
110
550
45
44
7.9
6.2
4.3
2.1
1000
21
× 39
70
440
27
27
11.8
9.2
6.4
3.2
1200
21
× 49
58
380
22
22
14.7
11.5
8.0
4.0
B41693, B41793
High reliability
up to 150
°C
Page9of19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41793A8128Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41793A8128Q000 EPCOS-B41793A8128Q000 Datasheet
445Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41793A8128Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com