Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43793C1367Q001 Datasheet(PDF) 7 Page - TDK Electronics

Part # B43793C1367Q001
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43793C1367Q001 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B43793C1367Q001 Datasheet HTML 3Page - TDK Electronics B43793C1367Q001 Datasheet HTML 4Page - TDK Electronics B43793C1367Q001 Datasheet HTML 5Page - TDK Electronics B43793C1367Q001 Datasheet HTML 6Page - TDK Electronics B43793C1367Q001 Datasheet HTML 7Page - TDK Electronics B43793C1367Q001 Datasheet HTML 8Page - TDK Electronics B43793C1367Q001 Datasheet HTML 9Page - TDK Electronics B43793C1367Q001 Datasheet HTML 10Page - TDK Electronics B43793C1367Q001 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Case dimensions and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
VR =140VDC
120
14
× 30
B43693C0127Q001
B43693C0127Q003
B43793C0127Q001
120
16
× 25
B43693D0127Q001
B43693D0127Q003
B43793D0127Q001
160
16
× 30
B43693C0167Q001
B43693C0167Q003
B43793C0167Q001
160
18
× 25
B43693D0167Q001
B43793D0167Q001
200
16
× 35
B43693C0207Q001
B43693C0207Q003
B43793C0207Q001
220
18
× 30
B43693C0227Q001
B43793C0227Q001
240
16
× 39
B43693C0247Q001
B43693C0247Q003
B43793C0247Q001
270
18
× 35
B43693C0277Q001
B43793C0277Q001
300
21
× 30
B43693C0307Q001
B43793C0307Q001
330
18
× 39
B43693C0337Q001
B43793C0337Q001
390
21
× 35
B43693C0397Q001
B43793C0397Q001
470
21
× 39
B43693C0477Q001
B43793C0477Q001
620
21
× 49
B43693C0627Q001
B43793C0627Q001
VR =160VDC
91
14
× 30
B43693C1916Q001
B43693C1916Q003
B43793C1916Q001
91
16
× 25
B43693D1916Q001
B43693D1916Q003
B43793D1916Q001
120
16
× 30
B43693C1127Q001
B43693C1127Q003
B43793C1127Q001
130
18
× 25
B43693C1137Q001
B43793C1137Q001
160
16
× 35
B43693C1167Q001
B43693C1167Q003
B43793C1167Q001
160
18
× 30
B43693D1167Q001
B43793D1167Q001
180
16
× 39
B43693C1187Q001
B43693C1187Q003
B43793C1187Q001
200
18
× 35
B43693C1207Q001
B43793C1207Q001
240
18
× 39
B43693C1247Q001
B43793C1247Q001
240
21
× 30
B43693D1247Q001
B43793D1247Q001
300
21
× 35
B43693C1307Q001
B43793C1307Q001
360
21
× 39
B43693C1367Q001
B43793C1367Q001
470
21
× 49
B43693C1477Q001
B43793C1477Q001
B43693, B43793
High voltage
125
°C
Page7of19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43793C1367Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43793 EPCOS-B43793 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43793 EPCOS-B43793 Datasheet
419Kb / 14P
   Aluminum electrolytic capacitors
B43793 EPCOS-B43793 Datasheet
427Kb / 14P
   Aluminum electrolytic capacitors
B43793A1107Q000 EPCOS-B43793A1107Q000 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43793A1336Q000 EPCOS-B43793A1336Q000 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results

Similar Description - B43793C1367Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com