Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN3E8-470H Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # UN3E8-470H
Description  3-Electrode Gas Discharge Tube (GDT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN3E8-470H Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  UN3E8-470H Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN3E8-470H Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN3E8-470H Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN3E8-470H Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN3E8-470H Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
3 / 5
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN3E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Service Life
DC Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse Life
Part Number
Marking
@100V/S
@100V/
μs @1KV/μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs 4)
±5 times
@8/20
μs 4)
1 time
@50Hz
4)
1 Sec
10 times
@10/1000
μs 4)
300 times
UN3E8-150HM
UN3E8-150HMF
UN3E8-150HP
UN3E8-150H
UNION
150H
150V
±20%
<500V
<600V
1 G
Ω
(at 50V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-230HM
UN3E8-230HMF
UN3E8-230HP
UN3E8-230H
UNION
230H
230V
±20%
<600V
<700V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-250HM
UN3E8-250HMF
UN3E8-250HP
UN3E8-250H
UNION
250H
250V
±20%
<600V
<700V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-300HM
UN3E8-300HMF
UN3E8-300HP
UN3E8-300H
UNION
300H
300V
±20%
<800V
<900V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-350HM
UN3E8-350HMF
UN3E8-350HP
UN3E8-350H
UNION
350H
350V
±20%
<800V
<900V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-420HM
UN3E8-420HMF
UN3E8-420HP
UN3E8-420H
UNION
420H
420V
±20%
<900V <1000V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-470HM
UN3E8-470HMF
UN3E8-470HP
UN3E8-470H
UNION
470H
470V
±20%
<900V <1000V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-600HM
UN3E8-600HMF
UN3E8-600HP
UN3E8-600H
UNION
600H
600V
±20%
<1100V <1200V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
UN3E8-800HM
UN3E8-800HMF
UN3E8-800HP
UN3E8-800H
UNION
800H
800V
±20%
<1200V <1400V
1 G
Ω
(at 100V)
<1.5pF
~25V
20KA
25KA
20A
200A
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
3). Tip or ring electrode to center electrode
4). Total current through center electrode, half value through tip respectively ring electrode
Electrical Characteristics (Continue)


Similar Part No. - UN3E8-470H

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN3E8-470HSMD UNSEMI-UN3E8-470HSMD Datasheet
2Mb / 5P
   Double line Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN3E8-470H

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E5-75LM SOCAY-UN3E5-75LM Datasheet
443Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E7-75HM SOCAY-UN3E7-75HM Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
SC3E8 SOCAY-SC3E8 Datasheet
3Mb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN3E8-75HM SOCAY-UN3E8-75HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com