Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3362 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC3362
Description  LOW?밣OWER DUAL CONVERSION FM RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3362 Datasheet(HTML) 8 Page - Motorola, Inc

  MC3362 Datasheet HTML 1Page - Motorola, Inc MC3362 Datasheet HTML 2Page - Motorola, Inc MC3362 Datasheet HTML 3Page - Motorola, Inc MC3362 Datasheet HTML 4Page - Motorola, Inc MC3362 Datasheet HTML 5Page - Motorola, Inc MC3362 Datasheet HTML 6Page - Motorola, Inc MC3362 Datasheet HTML 7Page - Motorola, Inc MC3362 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC3362
8
MOTOROLA ANALOG IC DEVICE DATA
OUTLINE DIMENSIONS
NOTES:
1. CHAMFERED CONTOUR OPTIONAL.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
4. CONTROLLING DIMENSION: INCH.
–A–
–B–
24
13
12
1
–T–
SEATING
PLANE
24 PL
K
E
F
N
C
D
G
M
A
M
0.25 (0.010)
T
24 PL
J
M
B
M
0.25 (0.010)
T
L
M
NOTE 1
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.230
1.265
31.25
32.13
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.020
0.38
0.51
E
0.050 BSC
1.27 BSC
F
0.040
0.060
1.02
1.52
G
0.100 BSC
2.54 BSC
J
0.007
0.012
0.18
0.30
K
0.110
0.140
2.80
3.55
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.020
0.040
0.51
1.01
__
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
P
12X
D
24X
12
13
24
1
M
0.010 (0.25)
B M
S
A
M
0.010 (0.25)
B S
T
–T–
G
22X
SEATING
PLANE
K
C
R X 45
_
M
F
J
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
15.25
15.54
0.601
0.612
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.41
0.90
0.016
0.035
G
1.27 BSC
0.050 BSC
J
0.23
0.32
0.009
0.013
K
0.13
0.29
0.005
0.011
M
0
8
0
8
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
_
_
_
_
P SUFFIX
PLASTIC PACKAGE
CASE 724–03
ISSUE D
DW SUFFIX
PLASTIC PACKAGE
CASE 751E–04
(SO-24L)
ISSUE E
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MC3362/D


Similar Part No. - MC3362

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
logo
NXP Semiconductors
MC3361 PHILIPS-MC3361 Datasheet
220Kb / 3P
   LOW POWER FM IF
March 28 1988
logo
Murata Manufacturing Co...
MC3361 MURATA1-MC3361 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
Motorola, Inc
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
MC3361BD MOTOROLA-MC3361BD Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
More results

Similar Description - MC3362

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC13030 MOTOROLA-MC13030 Datasheet
389Kb / 16P
   DUAL CONVERSION AM RECEIVER
logo
Allegro MicroSystems
3848 ALLEGRO-3848 Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
logo
Siemens Semiconductor G...
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
logo
TOKO, Inc
TK10420 TOKO-TK10420 Datasheet
120Kb / 5P
   DUAL CONVERSION FM IF AMPLIFER
logo
National Semiconductor ...
LM1866 NSC-LM1866 Datasheet
257Kb / 7P
   LOW VOLTAGE AM/FM RECEIVER
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
logo
Radiometrix Ltd
WRX2C RADIOMETRIX-WRX2C Datasheet
967Kb / 9P
   433.92MHz Low Cost FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com