Electronic Components Datasheet Search |
|
MLK1005SR11JT000 Datasheet(PDF) 3 Page - TDK Electronics |
|
MLK1005SR11JT000 Datasheet(HTML) 3 Page - TDK Electronics |
3 / 10 page (3/10) INDUC T O RS 20150216 / inductor_commercial_high-frequency_mlk1005_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Inductors for High Frequency Circuits Multilayer Ceramic FEATURES With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained, while the decrease of Q in the GHz band is limited. Monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for high-frequency. There is no directivity. APPLICATION Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners and other high frequency circuits for the mobile communication industry PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Halogen-free Compatible with lead-free solders Overview of MLK1005 Type MLK 1005 S 1N0 S T 000 Series name L×W×H Dimensions Characteristics Inductance Inductance tolerance Packaging style Internal code (mm) (nH) 1005 1.0×0.5×0.5 S 1N1 1.1 S ±0.3nH T Taping 000 10N 10 J ±5% R10 100 Type Temperature range Package quantity Individual weight Operating temperature (°C) Storage temperature (°C) (pieces/reel) (mg) MLK1005 –55 to +125 –55 to +125 10000 1 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - MLK1005SR11JT000 |
|
Similar Description - MLK1005SR11JT000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |