Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0402Q1N8BT000 Datasheet(PDF) 11 Page - TDK Electronics

Part # MLG0402Q1N8BT000
Description  High Q type inductor for high-frequency circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0402Q1N8BT000 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLG0402Q1N8BT000 Datasheet HTML 7Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 8Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 9Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 10Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 11Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 12Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 13Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 14Page - TDK Electronics MLG0402Q1N8BT000 Datasheet HTML 15Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
(11/15)
INDUC
T
O
RS
20160706 / inductor_commercial_high-frequency_mlg0402q_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0402Q Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
* Please contact us for information on inductance tolerance, G (±2%).
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
3.2
3.1
3.1
3.1
3.1
9
12
19
21
23
MLG0402Q3N3BT000
3.2
3.1
3.1
3.1
3.1
9
12
19
21
23
MLG0402Q3N3CT000
3.2
3.1
3.1
3.1
3.1
9
12
19
21
23
MLG0402Q3N3ST000
3.2
3.2
3.2
3.2
3.2
9
12
19
20
22
MLG0402Q3N4BT000
3.2
3.2
3.2
3.2
3.2
9
12
19
20
22
MLG0402Q3N4CT000
3.2
3.2
3.2
3.2
3.2
9
12
19
20
22
MLG0402Q3N4ST000
3.3
3.3
3.3
3.3
3.3
9
12
19
20
22
MLG0402Q3N5BT000
3.3
3.3
3.3
3.3
3.3
9
12
19
20
22
MLG0402Q3N5CT000
3.3
3.3
3.3
3.3
3.3
9
12
19
20
22
MLG0402Q3N5ST000
3.4
3.4
3.4
3.4
3.4
10
13
20
22
24
MLG0402Q3N6BT000
3.4
3.4
3.4
3.4
3.4
10
13
20
22
24
MLG0402Q3N6CT000
3.4
3.4
3.4
3.4
3.4
10
13
20
22
24
MLG0402Q3N6ST000
3.5
3.5
3.4
3.5
3.5
9
12
19
21
23
MLG0402Q3N7BT000
3.5
3.5
3.4
3.5
3.5
9
12
19
21
23
MLG0402Q3N7CT000
3.5
3.5
3.4
3.5
3.5
9
12
19
21
23
MLG0402Q3N7ST000
3.6
3.6
3.5
3.6
3.6
10
13
19
21
23
MLG0402Q3N8BT000
3.6
3.6
3.5
3.6
3.6
10
13
19
21
23
MLG0402Q3N8CT000
3.6
3.6
3.5
3.6
3.6
10
13
19
21
23
MLG0402Q3N8ST000
3.7
3.7
3.7
3.7
3.7
9
12
19
20
22
MLG0402Q3N9BT000
3.7
3.7
3.7
3.7
3.7
9
12
19
20
22
MLG0402Q3N9CT000
3.7
3.7
3.7
3.7
3.7
9
12
19
20
22
MLG0402Q3N9ST000
3.8
3.8
3.7
3.8
3.8
9
12
19
20
22
MLG0402Q4N0BT000
3.8
3.8
3.7
3.8
3.8
9
12
19
20
22
MLG0402Q4N0CT000
3.8
3.8
3.7
3.8
3.8
9
12
19
20
22
MLG0402Q4N0ST000
4.1
4.0
4.0
4.0
4.1
10
13
21
23
25
MLG0402Q4N3ST000
4.1
4.0
4.0
4.0
4.1
10
13
21
23
25
MLG0402Q4N3HT000
4.5
4.5
4.5
4.5
4.6
10
13
21
23
25
MLG0402Q4N7ST000
4.5
4.5
4.5
4.5
4.6
10
13
21
23
25
MLG0402Q4N7HT000
4.8
4.8
4.8
4.8
4.9
10
13
20
22
24
MLG0402Q5N1ST000
4.8
4.8
4.8
4.8
4.9
10
13
20
22
24
MLG0402Q5N1HT000
5.3
5.3
5.3
5.3
5.4
11
14
22
23
25
MLG0402Q5N6ST000
5.3
5.3
5.3
5.3
5.4
11
14
22
23
25
MLG0402Q5N6HT000
5.9
5.8
5.9
5.9
6.0
11
14
21
23
25
MLG0402Q6N2ST000
5.9
5.8
5.9
5.9
6.0
11
14
21
23
25
MLG0402Q6N2HT000
6.5
6.4
6.5
6.6
6.7
10
13
21
22
23
MLG0402Q6N8HT000
6.5
6.4
6.5
6.6
6.7
10
13
21
22
23
MLG0402Q6N8JT000
7.1
7.0
7.1
7.2
7.4
11
14
22
23
25
MLG0402Q7N5HT000
7.1
7.0
7.1
7.2
7.4
11
14
22
23
25
MLG0402Q7N5JT000
7.8
7.8
7.9
8.0
8.3
11
14
21
23
24
MLG0402Q8N2HT000
7.8
7.8
7.9
8.0
8.3
11
14
21
23
24
MLG0402Q8N2JT000
8.6
8.5
8.7
8.8
9.1
11
14
21
23
24
MLG0402Q9N1HT000
8.6
8.5
8.7
8.8
9.1
11
14
21
23
24
MLG0402Q9N1JT000
Product No.
Manufacturer
4291B+16196D
Keysight Technologies


Similar Part No. - MLG0402Q1N8BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q1N8BT000 TDK-MLG0402Q1N8BT000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLG0402Q1N8BT000 TDK-MLG0402Q1N8BT000_17 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0402Q1N8BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P0N6BT000 TDK-MLG0603P0N6BT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com