Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43793C1127Q001 Datasheet(PDF) 8 Page - TDK Electronics

Part # B43793C1127Q001
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43793C1127Q001 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B43793C1127Q001 Datasheet HTML 4Page - TDK Electronics B43793C1127Q001 Datasheet HTML 5Page - TDK Electronics B43793C1127Q001 Datasheet HTML 6Page - TDK Electronics B43793C1127Q001 Datasheet HTML 7Page - TDK Electronics B43793C1127Q001 Datasheet HTML 8Page - TDK Electronics B43793C1127Q001 Datasheet HTML 9Page - TDK Electronics B43793C1127Q001 Datasheet HTML 10Page - TDK Electronics B43793C1127Q001 Datasheet HTML 11Page - TDK Electronics B43793C1127Q001 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Case dimensions and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
VR =200VDC
75
14
× 30
B43693E2756Q001
B43693E2756Q003
B43793E2756Q001
82
16
× 25
B43693E2826Q001
B43693E2826Q003
B43793E2826Q001
110
16
× 30
B43693E2117Q001
B43693E2117Q003
B43793E2117Q001
110
18
× 25
B43693F2117Q001
B43793F2117Q001
130
16
× 35
B43693E2137Q001
B43693E2137Q003
B43793E2137Q001
150
18
× 30
B43693E2157Q001
B43793E2157Q001
160
16
× 39
B43693E2167Q001
B43693E2167Q003
B43793E2167Q001
180
18
× 35
B43693E2187Q001
B43793E2187Q001
200
21
× 30
B43693E2207Q001
B43793E2207Q001
220
18
× 39
B43693E2227Q001
B43793E2227Q001
240
21
× 35
B43693E2247Q001
B43793E2247Q001
300
21
× 39
B43693E2307Q001
B43793E2307Q001
390
21
× 49
B43693E2397Q001
B43793E2397Q001
VR =250VDC
47
14
× 30
B43693C2476Q001
B43693C2476Q003
B43793C2476Q001
51
16
× 25
B43693C2516Q001
B43693C2516Q003
B43793C2516Q001
68
16
× 30
B43693C2686Q001
B43693C2686Q003
B43793C2686Q001
75
18
× 25
B43693C2756Q001
B43793C2756Q001
82
16
× 35
B43693C2826Q001
B43693C2826Q003
B43793C2826Q001
91
18
× 30
B43693C2916Q001
B43793C2916Q001
100
16
× 39
B43693C2107Q001
B43693C2107Q003
B43793C2107Q001
110
18
× 35
B43693C2117Q001
B43793C2117Q001
130
18
× 39
B43693C2137Q001
B43793C2137Q001
130
21
× 30
B43693D2137Q001
B43793D2137Q001
160
21
× 35
B43693C2167Q001
B43793C2167Q001
180
21
× 39
B43693C2187Q001
B43793C2187Q001
240
21
× 49
B43693C2247Q001
B43793C2247Q001
B43693, B43793
High voltage
125
°C
Page8of19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43793C1127Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43793 EPCOS-B43793 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43793 EPCOS-B43793 Datasheet
419Kb / 14P
   Aluminum electrolytic capacitors
B43793 EPCOS-B43793 Datasheet
427Kb / 14P
   Aluminum electrolytic capacitors
B43793A1107Q000 EPCOS-B43793A1107Q000 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43793A1336Q000 EPCOS-B43793A1336Q000 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results

Similar Description - B43793C1127Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com