Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN3E8-250H Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # UN3E8-250H
Description  3-Electrode Gas Discharge Tube (GDT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN3E8-250H Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  UN3E8-250H Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN3E8-250H Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN3E8-250H Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN3E8-250H Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN3E8-250H Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
1 / 5
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN3E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
UN3E8-XXXHM
UN3E8-XXXHMF
UN3E8-XXXHP
UN3E8-XXXH
Gas discharge Tubes (GDT) are classical components for
protecting the installations of the telecommunications. It is
essential that IT and telecommunications systems -with their
high-grade but sensitive electronic circuits - be protected by
arresters. They are thus fitted at the input of the power supply
system together with varistors and at the connection points to
telecommunication lines. They have become equally indispensable
for protecting base stations in mobile telephone systems as well as
extensive cable television (CATV) networks with their repeaters
and distribution systems.
These protective components are also indispensable in other
sectors, In AC power transmission systems, they are often used
with current-limiting varistors, In customer premises equipment
such as DSL modems, WLAN routers, TV sets and cable modems
In air-conditioning equipment, the integral black-box concept offers
graduated protection by combining arresters with varistors, PTC,
diodes and inductor.
AGENCY
AGENCY FILE NUMBER
E341061
Materials
Nickel-plated with Tinplated wires
u
Non-Radioactive
u
RoHS compliant
u
Low insertion loss
u
Excellent response to fast rising transients
u
Ultra low capacitance
u
20KA surge capability tested with 8/20
μs
pulse as de
fined by IEC 61000-4-5
u
Available with thermal failsafe option (add
‘F’ suffix to part
number)
Product Marking
UNION
XXXH
XXX
-Nominal voltage
H
-20KA
Glow to Arc
Transition Current
~1 Amps
Glow Voltage
~70 Volts
Storage and
Operational
Temperature
-40 to +90
°C
UN3E8-XXXHM
~2.0g
UN3E8-XXXHMF
~2.3g
UN3E8-XXXHP
~2.1g
Weight
UN3E8-XXXH
~1.8g
Climatic category
(IEC 60068-1)
40/ 90/ 21
u
Communication equipment
u
CATV equipment
u
Test equipment
u
Data lines
u
Power supplies
u
Telecom SLIC protection
u
Broadband equipment
u
ADSL equipment, including ADSL2+
u
XDSL equipment
u
Satellite and CATV equipment
u
Consumer electronics
Features
Schematic Symbol
Agency Approvals
Product Characteristics
Applications
Description
a
b
a = Tip
b = Ring
e = Ground
(center electrode)


Similar Part No. - UN3E8-250H

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN3E8-230HSMD UNSEMI-UN3E8-230HSMD Datasheet
2Mb / 5P
   Double line Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN3E8-250H

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E5-75LM SOCAY-UN3E5-75LM Datasheet
443Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
SC3E6 SOCAY-SC3E6 Datasheet
1Mb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN3E7-75HM SOCAY-UN3E7-75HM Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
SC3E8 SOCAY-SC3E8 Datasheet
3Mb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN3E8-75HM SOCAY-UN3E8-75HM Datasheet
357Kb / 5P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com