Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41689K7907Q001 Datasheet(PDF) 3 Page - TDK Electronics

Part # B41689K7907Q001
Description  Aluminum electrolytic capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41689K7907Q001 Datasheet(HTML) 3 Page - TDK Electronics

  B41689K7907Q001 Datasheet HTML 1Page - TDK Electronics B41689K7907Q001 Datasheet HTML 2Page - TDK Electronics B41689K7907Q001 Datasheet HTML 3Page - TDK Electronics B41689K7907Q001 Datasheet HTML 4Page - TDK Electronics B41689K7907Q001 Datasheet HTML 5Page - TDK Electronics B41689K7907Q001 Datasheet HTML 6Page - TDK Electronics B41689K7907Q001 Datasheet HTML 7Page - TDK Electronics B41689K7907Q001 Datasheet HTML 8Page - TDK Electronics B41689K7907Q001 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1) If optimum circuit design is used, the values are lower by 30%.
2) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
3) ESRmax at 100 Hz, 20
°C
Specifications and characteristics in brief
Rated voltage VR
25 ... 63 V DC
Surge voltage VS
1.15
VR
Rated capacitance CR
360 ... 4500 μF
Capacitance tolerance
10/+30%
Q
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL1)
Diameter d (mm)
16
18
20
21
Terminals
Length l (mm) Approx. ESL (nH)
axial
25
26
30
29
38
30
29
34
39
35
31
36
41
39
33
38
45
49
50
soldering star
25
7
8
30
8
10
11
35
9
10.5
12
39
9
11
13
49
14
Useful life2)
Requirements:
150
°C; V
R; 0.5
IAC,R
> 2000 h
ΔC/C
≤ 30% of initial value
125
°C; V
R;IAC,max
> 4000 h
Ileak
≤ initial specified limit
125
°C; V
R;IAC,R
> 10000 h
ESR
≤ 3 times initial specified limit3)
Voltage endurance test
125
°C; V
R
4000 h for VR
≤ 40VDC
3000 h for VR =63VDC
Post test requirements
ΔC/C
ESR
Ileak
≤ 10% of initial value
≤ 1.3 times initial specified limit3)
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc: Frequency range 10 Hz ... 2 kHz, displace-
ment amplitude max. 1.5 mm, acceleration max. 20 g, duration 3
× 2h.
Capacitor mounted by its wire leads at a distance of (6
±1) mm from
the case and additionally clamped by the case.
IEC climatic category
To IEC 60068-1: 55/125/56 ( 55
°C/+125 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-802
IEC 60384-4
B41689, B41789
Very high ripple current
up to 150
°C
Page3of21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41689K7907Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41689K7907Q001 TDK-B41689K7907Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
B41689K7907Q001 TDK-B41689K7907Q001 Datasheet
407Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B41689K7907Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com