Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74FXXXN Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74FXXXN
Description  DUAL 4-INPUT DUAL 4-INPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74FXXXN Datasheet(HTML) 1 Page - Motorola, Inc

  MC74FXXXN Datasheet HTML 1Page - Motorola, Inc MC74FXXXN Datasheet HTML 2Page - Motorola, Inc MC74FXXXN Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-64
FAST AND LS TTL DATA
DUAL 4-INPUT MULTIPLEXER
The MC54/74F153 is a high-speed Dual 4-Input Multiplexer with common
select inputs and individual enable inputs for each section. It can select two
lines of data from four sources. The two buffered outputs present data in the
true (non-inverted) form. In addition to multiplexer operation, the F153 can
generate any two functions of three variables.
CONNECTION DIAGRAM DIP (TOP VIEW)
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
Eb
S0
I3b
I2b
I1b
I0b
Zb
Ea
S1
I3a
I2a
I1a
I0a
Za
GND
LOGIC DIAGRAM
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
Eb
Ea
Za
Zb
I0a
I1a
I2a
I3a
S1
S0
I0b
I1b
I2b
I3b
6
5
1
2
3
4
10
11
12
13
14
15
7
9
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54, 74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
74
0
25
70
IOH
Output Current — High
54, 74
–1.0
mA
IOL
Output Current — Low
54, 74
20
mA
MC54FXXXJ
Ceramic
MC74FXXXN
Plastic
MC74FXXXD
SOIC
MC54/74F153
DUAL 4-INPUT
MULTIPLEXER
FAST
™ SHOTTKY TTL
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
16
1
D SUFFIX
SOIC
CASE 751B-03


Similar Part No. - MC74FXXXN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
68Kb / 2P
   8-INPUT MULTIPLEXER
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
91Kb / 3P
   8-LINE TO 3-LINE PRIORITY ENCODER FAST SHOTTKY TTL
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - MC74FXXXN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC930 MOTOROLA-MC930 Datasheet
53Kb / 3P
   DUAL 4 INPUT EXPANER
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
logo
NXP Semiconductors
74AC11153 PHILIPS-74AC11153 Datasheet
152Kb / 6P
   DUAL 4 INPUT MULTIPLEXER
October 17 1990
logo
Fairchild Semiconductor
74VHC153 FAIRCHILD-74VHC153 Datasheet
70Kb / 7P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
HEF4539B PHILIPS-HEF4539B Datasheet
44Kb / 4P
   Dual 4-input multiplexer
January 1995
logo
Texas Instruments
CD74AC153 TI-CD74AC153 Datasheet
37Kb / 7P
[Old version datasheet]   Dual 4-Input Multiplexer
logo
Fairchild Semiconductor
74F352 FAIRCHILD-74F352 Datasheet
47Kb / 5P
   Dual 4-Input Multiplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com