Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLK1005S8N2JT000 Datasheet(PDF) 9 Page - TDK Electronics

Part # MLK1005S8N2JT000
Description  With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005S8N2JT000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MLK1005S8N2JT000 Datasheet HTML 2Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 3Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 4Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 5Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 6Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 7Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 8Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 9Page - TDK Electronics MLK1005S8N2JT000 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(9/10)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlk1005_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLK1005 Type
ELECTRICAL CHARACTERISTICS
Q FREQUENCY CHARACTERISTICS GRAPH (EXAMPLE)
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
10
20
30
40
50
10
100
1000
10000
Frequency(MHz)
R33
R27
R22
R18
R15
56N
47N
39N
33N
27N
22N
18N
12N
6N8
4N7
3N9
3N3
2N7
2N2
1N8
1N2
1N0
15N
10N
8N2
1N5
5N6
R10
82N
68N
R12
Product No.
Manufacturer
E4991A+16193A
Agilent Technologies


Similar Part No. - MLK1005S8N2JT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005S8N2JT000 TDK-MLK1005S8N2JT000 Datasheet
129Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005S8N2JT000

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
   Low profile and higher capacitance with the new structure.
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
   Here is a picture of the contents that come with
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
Murata Manufacturing Co...
BLM18HD471SH1 MURATA1-BLM18HD471SH1_V01 Datasheet
244Kb / 4P
   BLM18H series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG331TH1 MURATA1-BLM18EG331TH1_V01 Datasheet
253Kb / 3P
   BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG181SH1 MURATA1-BLM18EG181SH1_V01 Datasheet
286Kb / 3P
   BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
logo
STMicroelectronics
M24SR16-Y STMICROELECTRONICS-M24SR16-Y Datasheet
1Mb / 89P
   Support of NDEF data structure
M24SR64-Y STMICROELECTRONICS-M24SR64-Y Datasheet
1Mb / 90P
   Support of NDEF data structure
logo
Murata Manufacturing Co...
BLM18EG221TH1 MURATA1-BLM18EG221TH1_V01 Datasheet
249Kb / 3P
   BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HG601SH1 MURATA1-BLM18HG601SH1_V01 Datasheet
244Kb / 4P
   BLM18H series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com