Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41790A7148Q001 Datasheet(PDF) 2 Page - TDK Electronics

Part # B41790A7148Q001
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41790A7148Q001 Datasheet(HTML) 2 Page - TDK Electronics

  B41790A7148Q001 Datasheet HTML 1Page - TDK Electronics B41790A7148Q001 Datasheet HTML 2Page - TDK Electronics B41790A7148Q001 Datasheet HTML 3Page - TDK Electronics B41790A7148Q001 Datasheet HTML 4Page - TDK Electronics B41790A7148Q001 Datasheet HTML 5Page - TDK Electronics B41790A7148Q001 Datasheet HTML 6Page - TDK Electronics B41790A7148Q001 Datasheet HTML 7Page - TDK Electronics B41790A7148Q001 Datasheet HTML 8Page - TDK Electronics B41790A7148Q001 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Applications
Automotive electronics
Features
High vibration stability, special design with high vibration
stability up to 60 g available upon request
Ultra compact design
Long useful life, 2000 h at up to 140
°C
High ripple current capability
SIKOREL design
storage for up to 15 years at a
temperature of up to 35
°C
RoHS-compatible
Construction
Charge/discharge-proof, polar
Aluminum case with insulating sleeve
Negative pole connected to case
Version without insulation available upon request
Terminals
Axial leads, welded to capacitor case and cover disc
Soldering star option for upright mounting on PCB
Alternative axial-lead design with double-sided plates for
horizontal mounting available upon request
Taping and packing
Axial-lead capacitors will be delivered in pallet package
Capacitors with d
× l ≤ 16 × 30 mm are also available taped
on reel
Soldering star capacitors are packed in blister trays
Axial-lead and soldering star capacitors
B41690, B41790
Ultra compact
up to 140
°C
Page2of18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41790A7148Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41790A7148Q001 TDK-B41790A7148Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
B41790A7148Q001 TDK-B41790A7148Q001 Datasheet
105Kb / 2P
   Axial Capacitors
More results

Similar Description - B41790A7148Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com