Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLK1005S6N2ST000 Datasheet(PDF) 2 Page - TDK Electronics

Part # MLK1005S6N2ST000
Description  With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005S6N2ST000 Datasheet(HTML) 2 Page - TDK Electronics

  MLK1005S6N2ST000 Datasheet HTML 1Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 2Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 3Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 4Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 5Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 6Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 7Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 8Page - TDK Electronics MLK1005S6N2ST000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(2/10)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlk1005_en.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 12 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C, Humidity: 10 to 75% RH
or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - MLK1005S6N2ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005S6N2ST000 TDK-MLK1005S6N2ST000 Datasheet
128Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005S6N2ST000

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
   Low profile and higher capacitance with the new structure.
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
   Here is a picture of the contents that come with
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
Murata Manufacturing Co...
BLM18HD471SH1 MURATA1-BLM18HD471SH1_V01 Datasheet
244Kb / 4P
   BLM18H series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG331TH1 MURATA1-BLM18EG331TH1_V01 Datasheet
253Kb / 3P
   BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG181SH1 MURATA1-BLM18EG181SH1_V01 Datasheet
286Kb / 3P
   BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
logo
STMicroelectronics
M24SR16-Y STMICROELECTRONICS-M24SR16-Y Datasheet
1Mb / 89P
   Support of NDEF data structure
M24SR64-Y STMICROELECTRONICS-M24SR64-Y Datasheet
1Mb / 90P
   Support of NDEF data structure
logo
Murata Manufacturing Co...
BLM18EG221TH1 MURATA1-BLM18EG221TH1_V01 Datasheet
249Kb / 3P
   BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HG601SH1 MURATA1-BLM18HG601SH1_V01 Datasheet
244Kb / 4P
   BLM18H series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com