Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603S0N6BT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLG0603S0N6BT000
Description  Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S0N6BT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLG0603S0N6BT000 Datasheet HTML 2Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 3Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 4Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 5Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 6Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 7Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 8Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 9Page - TDK Electronics MLG0603S0N6BT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
(6/14)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
0.3
±0.1nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N3BT000
0.3
±0.2nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N3CT000
0.4
±0.1nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N4BT000
0.4
±0.2nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N4CT000
0.5
±0.1nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N5BT000
0.5
±0.2nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N5CT000
0.6
±0.1nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N6BT000
0.6
±0.2nH
100
10.0
20up
0.10
0.02
600
MLG0603S0N6CT000
0.7
±0.1nH
100
10.0
16.3
0.10
0.02
600
MLG0603S0N7BT000
0.7
±0.2nH
100
10.0
16.3
0.10
0.02
600
MLG0603S0N7CT000
0.8
±0.1nH
100
10.0
16.1
0.10
0.03
600
MLG0603S0N8BT000
0.8
±0.2nH
100
10.0
16.1
0.10
0.03
600
MLG0603S0N8CT000
0.9
±0.1nH
100
10.0
13.8
0.10
0.03
600
MLG0603S0N9BT000
0.9
±0.2nH
100
10.0
13.8
0.10
0.03
600
MLG0603S0N9CT000
1.0
±0.1nH
4
100
10.0
14.4
0.10
0.04
600
MLG0603S1N0BT000
1.0
±0.2nH
4
100
10.0
14.4
0.10
0.04
600
MLG0603S1N0CT000
1.0
±0.3nH
4
100
10.0
14.4
0.10
0.04
600
MLG0603S1N0ST000
1.1
±0.1nH
4
100
10.0
13.6
0.15
0.04
550
MLG0603S1N1BT000
1.1
±0.2nH
4
100
10.0
13.6
0.15
0.04
550
MLG0603S1N1CT000
1.1
±0.3nH
4
100
10.0
13.6
0.15
0.04
550
MLG0603S1N1ST000
1.2
±0.1nH
4
100
10.0
12.3
0.15
0.06
550
MLG0603S1N2BT000
1.2
±0.2nH
4
100
10.0
12.3
0.15
0.06
550
MLG0603S1N2CT000
1.2
±0.3nH
4
100
10.0
12.3
0.15
0.06
550
MLG0603S1N2ST000
1.3
±0.1nH
4
100
9.0
11.4
0.15
0.07
550
MLG0603S1N3BT000
1.3
±0.2nH
4
100
9.0
11.4
0.15
0.07
550
MLG0603S1N3CT000
1.3
±0.3nH
4
100
9.0
11.4
0.15
0.07
550
MLG0603S1N3ST000
1.5
±0.1nH
4
100
9.0
10.4
0.15
0.07
550
MLG0603S1N5BT000
1.5
±0.2nH
4
100
9.0
10.4
0.15
0.07
550
MLG0603S1N5CT000
1.5
±0.3nH
4
100
9.00
10.4
0.15
0.07
550
MLG0603S1N5ST000
1.6
±0.1nH
4
100
9.0
11.5
0.20
0.09
500
MLG0603S1N6BT000
1.6
±0.2nH
4
100
9.0
11.5
0.20
0.09
500
MLG0603S1N6CT000
1.6
±0.3nH
4
100
9.00
11.5
0.20
0.09
500
MLG0603S1N6ST000
1.8
±0.1nH
4
100
8.5
10.0
0.20
0.12
500
MLG0603S1N8BT000
1.8
±0.2nH
4
100
8.5
10.0
0.20
0.12
500
MLG0603S1N8CT000
1.8
±0.3nH
4
100
8.50
10.0
0.20
0.12
500
MLG0603S1N8ST000
2.0
±0.1nH
4
100
8.2
9.80
0.25
0.14
400
MLG0603S2N0BT000
2.0
±0.2nH
4
100
8.2
9.80
0.25
0.14
400
MLG0603S2N0CT000
2.0
±0.3nH
4
100
8.20
9.80
0.25
0.14
400
MLG0603S2N0ST000
2.2
±0.1nH
4
100
8.0
8.90
0.25
0.14
400
MLG0603S2N2BT000
2.2
±0.2nH
4
100
8.0
8.90
0.25
0.14
400
MLG0603S2N2CT000
2.2
±0.3nH
4
100
8.00
8.90
0.25
0.14
400
MLG0603S2N2ST000
2.4
±0.1nH
4
100
8.0
9.20
0.25
0.15
300
MLG0603S2N4BT000
2.4
±0.2nH
4
100
8.0
9.20
0.25
0.15
300
MLG0603S2N4CT000
2.4
±0.3nH
4
100
8.00
9.20
0.25
0.15
300
MLG0603S2N4ST000
2.7
±0.1nH
4
100
6.5
8.10
0.25
0.15
300
MLG0603S2N7BT000
2.7
±0.2nH
4
100
6.5
8.10
0.25
0.15
300
MLG0603S2N7CT000
2.7
±0.3nH
4
100
6.50
8.10
0.25
0.15
300
MLG0603S2N7ST000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603S0N6BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S0N6BT000 TDK-MLG0603S0N6BT000 Datasheet
133Kb / 3P
   Inductors (Coils)
MLG0603S0N6BT000 TDK-MLG0603S0N6BT000_17 Datasheet
133Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S0N6BT000

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA605.A.ABC.001 TAOGLAS-MA605.A.ABC.001 Datasheet
1Mb / 23P
   Advanced RF Design and Materials
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ Datasheet
1Mb / 20P
   Advanced RF Design and Materials
MA673.A.CGH.004 TAOGLAS-MA673.A.CGH.004 Datasheet
2Mb / 27P
   Advanced RF Design and Materials
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001 Datasheet
4Mb / 18P
   Advanced RF Design and Materials
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001 Datasheet
1Mb / 29P
   Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
   Advanced RF Design and Materials
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002 Datasheet
1Mb / 30P
   Advanced RF Design and Materials
MA672.A.CGH.003 TAOGLAS-MA672.A.CGH.003 Datasheet
3Mb / 15P
   Advanced RF Design and Materials
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
   Advanced RF Design and Materials
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com