Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603P1N0BT000 Datasheet(PDF) 3 Page - TDK Electronics

Part # MLG0603P1N0BT000
Description  High Q type inductor for high-frequency circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603P1N0BT000 Datasheet(HTML) 3 Page - TDK Electronics

  MLG0603P1N0BT000 Datasheet HTML 1Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 2Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 3Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 4Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 5Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 6Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 7Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 8Page - TDK Electronics MLG0603P1N0BT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(3/17)
INDUC
T
O
RS
20160926 / inductor_commercial_high-frequency_mlg0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for High Frequency Circuits
Multilayer Ceramic
FEATURES
High Q type inductor for high-frequency circuits.
Inductance range: from 0.6 to 120nH.
0.1n step inductance lineup.
Compared with existing products, the size was greatly reduced, making it optimal for fine-pitch circuits.
Optimal configuration that greatly improves the Q to 800MHz or higher.
Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for High-
frequency.
APPLICATION
Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners
and other high frequency circuits for the mobile communication industry
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of MLG0603P Type
MLG
0603
P
0N6
B
T
000
Series name
L×W×H Dimensions
Characteristics
Inductance
Inductance
tolerance
Packaging style
Internal code
(mm)
(nH)
0603
0.6×0.3×0.3
P
1N1
1.1
B
±0.1nH
T
Taping
000
11N
11
C
±0.2nH
S
±0.3nH
H±3%
J±5%
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MLG0603P
–55 to +125
–55 to +125
15000
0.2
RoHS Directive Compliant Product: See the following for more details.https://product.tdk.com/info/en/environment/rohs/index.html
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - MLG0603P1N0BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P1N0BT000 TDK-MLG0603P1N0BT000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N0BT000 TDK-MLG0603P1N0BT000 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG0603P1N0BT000 TDK-MLG0603P1N0BT000_17 Datasheet
132Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603P1N0BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q0N2BT000 TDK-MLG0402Q0N2BT000 Datasheet
176Kb / 15P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com