Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41690A7708Q001 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41690A7708Q001
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41690A7708Q001 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41690A7708Q001 Datasheet HTML 4Page - TDK Electronics B41690A7708Q001 Datasheet HTML 5Page - TDK Electronics B41690A7708Q001 Datasheet HTML 6Page - TDK Electronics B41690A7708Q001 Datasheet HTML 7Page - TDK Electronics B41690A7708Q001 Datasheet HTML 8Page - TDK Electronics B41690A7708Q001 Datasheet HTML 9Page - TDK Electronics B41690A7708Q001 Datasheet HTML 10Page - TDK Electronics B41690A7708Q001 Datasheet HTML 11Page - TDK Electronics B41690A7708Q001 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
VR =25VDC
1200
12
× 30
135
1000
70
68
4.9
3.6
2.5
1.6
2000
14
× 30
90
620
48
47
5.8
4.3
3.0
1.9
2900
16
× 30
60
460
32
31
8.4
6.2
4.3
2.8
3000
18
× 25
58
530
40
38
7.5
5.6
3.8
2.5
3900
18
× 30
45
330
25
24
9.4
7.0
4.8
3.1
4300
16
× 39
40
310
21
21
11.6
8.6
5.9
3.5
5000
20
× 29
37
260
21
21
10.0
7.4
5.1
3.3
5800
18
× 39
30
230
17
17
12.9
9.5
6.6
4.3
8000
21
× 39
25
160
14
14
14.2
10.5
7.3
4.8
10000
21
× 49
20
130
11
11
17.7
13.2
9.1
5.9
VR =35VDC
1000
14
× 25
125
900
65
63
4.7
3.5
2.4
1.5
1400
16
× 25
100
620
52
50
5.0
3.7
2.6
1.7
1900
16
× 30
65
460
32
31
8.2
6.1
4.2
2.7
2300
16
× 35
54
440
33
31
9.7
7.2
5.0
3.2
2500
18
× 30
50
360
25
24
9.4
7.0
4.8
3.1
3000
20
× 29
45
310
23
22
10.0
7.4
5.1
3.3
3800
18
× 39
35
210
17
17
12.7
9.4
6.5
4.2
5200
21
× 39
27
160
14
14
14.0
10.4
7.2
4.7
7000
21
× 49
21
120
11
11
17.7
13.2
9.1
5.9
VR =40VDC
600
12
× 30
165
1000
70
68
4.9
3.6
2.5
1.6
1000
14
× 30
105
620
48
47
5.8
4.3
3.0
1.9
1400
16
× 30
70
460
32
31
8.2
6.1
4.2
2.7
1800
18
× 30
58
330
26
25
9.4
6.9
4.8
3.1
2300
20
× 29
48
260
23
22
10.0
7.4
5.1
3.3
2700
18
× 39
40
210
17
17
12.7
9.4
6.5
4.2
3900
21
× 39
30
150
14
14
14.0
10.4
7.2
4.7
5200
21
× 49
23
120
11
11
17.7
13.2
9.1
5.9
B41690, B41790
Ultra compact
up to 140
°C
Page8of18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41690A7708Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41690A7708Q001 TDK-B41690A7708Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
More results

Similar Description - B41690A7708Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com