Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4755 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4755
Description  Stereo 11W Audio Power Amplifier with Mute
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4755 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4755 Datasheet HTML 4Page - National Semiconductor (TI) LM4755 Datasheet HTML 5Page - National Semiconductor (TI) LM4755 Datasheet HTML 6Page - National Semiconductor (TI) LM4755 Datasheet HTML 7Page - National Semiconductor (TI) LM4755 Datasheet HTML 8Page - National Semiconductor (TI) LM4755 Datasheet HTML 9Page - National Semiconductor (TI) LM4755 Datasheet HTML 10Page - National Semiconductor (TI) LM4755 Datasheet HTML 11Page - National Semiconductor (TI) LM4755 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Performance Characteristics(Note 5) (Continued)
Output Power vs Supply Voltage
DS100059-18
Output Power vs Supply Voltage
DS100059-19
Frequency Response
DS100059-20
THD+N vs Frequency
DS100059-21
THD+N vs Frequency
DS100059-22
Frequency Response
DS100059-23
Channel Separation
DS100059-24
PSRR vs Frequency
DS100059-25
Supply Current vs Supply Voltage
DS100059-26
Power Derating Curve
DS100059-27
Power Dissipation vs Output Power
DS100059-28
Power Dissipation vs Output Power
DS100059-29
www.national.com
8


Similar Part No. - LM4755

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4755TS/NOPB TI1-LM4755TS/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4755TSX/NOPB TI1-LM4755TSX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
More results

Similar Description - LM4755

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
   Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
[Old version datasheet]   LM4752 Stereo 11W Audio Power Amplifier
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com