Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41693A5477Q001 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41693A5477Q001
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41693A5477Q001 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41693A5477Q001 Datasheet HTML 4Page - TDK Electronics B41693A5477Q001 Datasheet HTML 5Page - TDK Electronics B41693A5477Q001 Datasheet HTML 6Page - TDK Electronics B41693A5477Q001 Datasheet HTML 7Page - TDK Electronics B41693A5477Q001 Datasheet HTML 8Page - TDK Electronics B41693A5477Q001 Datasheet HTML 9Page - TDK Electronics B41693A5477Q001 Datasheet HTML 10Page - TDK Electronics B41693A5477Q001 Datasheet HTML 11Page - TDK Electronics B41693A5477Q001 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Case dimensions and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
VR = 75VDC
100
12
× 30
B41693C0107Q001
B41693C0107Q003
B41793C0107Q001
220
16
× 30
B41693C0227Q001
B41693C0227Q003
B41793C0227Q001
330
16
× 35
B41693C0337Q001
B41693C0337Q003
B41793C0337Q001
470
18
× 39
B41693C0477Q001
B41793C0477Q001
470
20
× 29
B41693D0477Q001
680
21
× 39
B41693C0687Q001
B41793C0687Q001
1000
21
× 49
B41693C0108Q001
B41793C0108Q001
VR =100VDC
100
12
× 30
B41693B9107Q001
B41693B9107Q003
B41793B9107Q001
150
14
× 30
B41693B9157Q001
B41693B9157Q003
B41793B9157Q001
220
16
× 30
B41693A9227Q001
B41693A9227Q003
B41793A9227Q001
470
18
× 39
B41693A9477Q001
B41793A9477Q001
470
20
× 29
B41693B9477Q001
680
21
× 39
B41693A9687Q001
B41793A9687Q001
1000
21
× 49
B41693A9108Q001
B41793A9108Q001
B41693, B41793
High reliability
up to 150
°C
Page8of19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41693A5477Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41693A5477Q001 TDK-B41693A5477Q001 Datasheet
443Kb / 1P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
More results

Similar Description - B41693A5477Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com