Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMLEZW-00-0000-0D0UT327F Datasheet(PDF) 8 Page - Cree, Inc

Part # XMLEZW-00-0000-0D0UT327F
Description  XLamp XM-L EasyWhite짰 LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XMLEZW-00-0000-0D0UT327F Datasheet(HTML) 8 Page - Cree, Inc

Back Button XMLEZW-00-0000-0D0UT327F Datasheet HTML 4Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 5Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 6Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 7Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 8Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 9Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 10Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 11Page - Cree, Inc XMLEZW-00-0000-0D0UT327F Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on
CRI measurements. See the Measurements section (page 18).
For Standard CRI parts, typical CRI is 80 for 4000 – 3500 K CCT parts and 82 for 3000 – 2700 K CCT parts.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Xm-L EasyWhitE® LED
Color
CCt
range
Minimum Luminous Flux
@ 350 ma
2-step
4-step
Group
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
Chromaticity
region
order Code
Chromaticity
region
order Code
90-CRI
Minimum
easyWhite
3000 K
T2
200
237
30H
XMLeZW-00-0000-0D0UT230H
30F
XMLeZW-00-0000-0D0UT230F
T3
220
261
XMLeZW-00-0000-0D0UT330H
XMLeZW-00-0000-0D0UT330F
T4
240
285
XMLeZW-00-0000-0D0UT430H
XMLeZW-00-0000-0D0UT430F
T5
260
309
XMLeZW-00-0000-0D0UT530H
XMLeZW-00-0000-0D0UT530F
2700 K
S6
180
214
27H
XMLEZW‑00‑0000‑0D0US627H
27F
XMLEZW‑00‑0000‑0D0US627F
T2
200
237
XMLeZW-00-0000-0D0UT227H
XMLeZW-00-0000-0D0UT227F
T3
220
261
XMLeZW-00-0000-0D0UT327H
XMLeZW-00-0000-0D0UT327F
T4
240
285
XMLeZW-00-0000-0D0UT427H
XMLeZW-00-0000-0D0UT427F
Color
CCt range
Minimum Luminous Flux
@ 350 ma
Chromaticity regions
order Code
Group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
ANSI White
5000 K
U4
340
404
0e3
XMLeZW-00-0000-0D00U40e3
U5
360
427
XMLeZW-00-0000-0D00U50e3
U6
380
451
XMLEZW‑00‑0000‑0D00U60E3
v2
400
475
XMLeZW-00-0000-0D00v20e3
Flux CharaCteristiCs, standard Order COdes and Bins, 12-VOlt xM-l eZW (350 mA, t
j = 85 °C) -
ContinuED


Similar Part No. - XMLEZW-00-0000-0D0UT327F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
More results

Similar Description - XMLEZW-00-0000-0D0UT327F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XMLHVW-Q0-0000-0000LT351 CREE-XMLHVW-Q0-0000-0000LT351 Datasheet
1Mb / 10P
   XLamp XM-L HVW LEDs
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
   XLamp XM-L Color LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
XM-L CREE-XM-L Datasheet
820Kb / 12P
   Cree짰 XLamp짰 XM-L LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XMLEZW-00-0000-0B00T627H CREE-XMLEZW-00-0000-0B00T627H Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XM-L Family LEDs
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com