Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32320C1406J010 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32320C1406J010
Description  Film Capacitors ??AC Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32320C1406J010 Datasheet(HTML) 7 Page - TDK Electronics

  B32320C1406J010 Datasheet HTML 1Page - TDK Electronics B32320C1406J010 Datasheet HTML 2Page - TDK Electronics B32320C1406J010 Datasheet HTML 3Page - TDK Electronics B32320C1406J010 Datasheet HTML 4Page - TDK Electronics B32320C1406J010 Datasheet HTML 5Page - TDK Electronics B32320C1406J010 Datasheet HTML 6Page - TDK Electronics B32320C1406J010 Datasheet HTML 7Page - TDK Electronics B32320C1406J010 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Film Capacitors – AC Capacitors
B32320/B32322
Motor run capacitors
B32320/B32322 – MotorCap
CAP RD FILM PD AC
September 2016
Please read Cautions and warnings and
Page 7 of 8
Important notes at the end of this document.
Rated
voltage
VR
V AC
Rated
capacitance
CR
F
Dimensions
D × L
B32320
mm
Dimensions
D × L
B32322
mm
Ordering code
Approvals
Packing
unit
pcs.
3
30 × 62
30 × 62
B3232*B7305J0#0
VDE
112
4
30 × 62
30 × 62
B3232*B7405J0#0
VDE
112
5
30 × 62
30 × 62
B3232*B7505J0#0
VDE
112
6
35 × 62
35 × 62
B3232*B7605J0#0
VDE
84
7.5
35 × 71
35 × 71
B3232*B7755J0#0
VDE
84
8
35 × 71
35 × 71
B3232*B7805J0#0
VDE
84
10
40 × 71
40 × 71
B3232*B7106J0#0
VDE
60
480
12
40 × 71
40 × 71
B3232*B7126J0#0
VDE
60
15
45 × 71
45 × 71
B3232*B7156J0#0
VDE
45
16
45 × 71
45 × 71
B3232*B7166J0#0
VDE
45
20
45 × 71
45 × 71
B3232*B7206J0#0
VDE
45
22
45 × 71
45 × 71
B3232*B7226J0#0
VDE
45
25
45 × 96
45 × 96
B3232*B7256J0#0
VDE
45
30
45 × 96
45 × 96
B3232*B7306J0#0
VDE
45
35
50 × 96
50 × 96
B3232*B7356J0#0
VDE
32
Composition of ordering code:
*: Terminals
0
single fast-on terminals
2
double fast-on terminals
#: construction
1
plastic can
3
plastic can with M8 bolt
5
plastic can with locking clip, available for diameters 30 mm, 32 mm and 35 mm,
others on request
Please read “Applications warning, installation and maintenance instructions” and the “ZVEI -
General safety recommendations for power capacitors”, which are available on the Internet at
www.epcos.com/ac_capacitors
, to ensure optimum performance and to prevent products
from failing, and in worst case, bursting and fire. Information given in the data sheet reflects
typical specifications.


Similar Part No. - B32320C1406J010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32320C1406J010 EPCOS-B32320C1406J010 Datasheet
424Kb / 8P
   Film capacitors - AC capacitors
More results

Similar Description - B32320C1406J010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com