Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-110150-001SMB Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-110150-001SMB
Description  Fully Integrated Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-110150-001SMB Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-110150-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-110150-001SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Power Amplifier
10.0 - 15.35 GHz
Rev. V2
MAAP-110150
6
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0009794
Typical Performance Curves: VD = 5 V, IDQ = 1.3 A, VG = -1.05 ~ -0.85 V, TA = +25C


Similar Part No. - MAAP-110150-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
MAAP-118260-001SMB MA-COM-MAAP-118260-001SMB Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
MAAP-118260-TR0500 MA-COM-MAAP-118260-TR0500 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
More results

Similar Description - MAAP-110150-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
MAAP-010150 MA-COM-MAAP-010150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
   Fully Integrated Power Amplifier
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
   Fully integrated
logo
Siemens Semiconductor G...
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
logo
AVAGO TECHNOLOGIES LIMI...
MGA-21108 AVAGO-MGA-21108 Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Broadcom Corporation.
MGA-21108 BOARDCOM-MGA-21108 Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com