Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32330I6105J060 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32330I6105J060
Description  Film Capacitors ??AC Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32330I6105J060 Datasheet(HTML) 3 Page - TDK Electronics

  B32330I6105J060 Datasheet HTML 1Page - TDK Electronics B32330I6105J060 Datasheet HTML 2Page - TDK Electronics B32330I6105J060 Datasheet HTML 3Page - TDK Electronics B32330I6105J060 Datasheet HTML 4Page - TDK Electronics B32330I6105J060 Datasheet HTML 5Page - TDK Electronics B32330I6105J060 Datasheet HTML 6Page - TDK Electronics B32330I6105J060 Datasheet HTML 7Page - TDK Electronics B32330I6105J060 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Film Capacitors – AC Capacitors
B32330 / B32332
Motor run capacitors
450 V
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Maximum ratings
Maximum permissible voltage Vmax
1.1
 VR
(VR = Rated voltage)
Maximum permissible current Imax
1.3
 IR
(IR = Rated current)
Test data
AC test voltage terminal to terminal VTT
AC test voltage terminal to can VTC
2.0
 VR, 2 s (routine test)
2.0
 VR, 60 s (type test)
2 kVAC, 2 s (routine test)
2 kVAC, 60 s (type test)
Insulation resistance Rins or time constant
at +20 °C, rel. humidity≤ 65%
(minimum as-delivered values)
3000 s
Dissipation factor tan δ at +20 °C
≤7
10-3 (1 kHz)
Maximum rate of voltage rise dV/dtmax
10 V/µs
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
-25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Mechanical and thermal properties of terminal insulator material
Ball pressure test to IEC 60309-1 sec. 27.3
At +125 °C
Plastic can and top disk material
UL 94 V2 minimum
UL 94 V2/V0 compatible
Glow wire test to IEC60335-1 / IEC 60695-2-1/1
Test temperature +750 °C
Part is compatible to EN 60335-1
Self-extinguish within 2 seconds of withdrawing
glow wire without igniting wrapping tissue of GWT
Tracking test to IEC 60112 solution A
> 250 V
Compatibility to RoHS
Compliance to directive 2011/65/EU
Approvals: see table for approved ratings
UL 810 E106388
CUS
Approved component 10000 AFC, protected
up to 450 V
VDE EN 60252-1
Approved up to 20 uF, 450 V / +85 °C : 30000 h
(Class A)


Similar Part No. - B32330I6105J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32330I5105J052 EPCOS-B32330I5105J052 Datasheet
261Kb / 7P
   Film capacitors - AC capacitors
B32330I5105J052 EPCOS-B32330I5105J052 Datasheet
120Kb / 7P
   Film Capacitors - AC Capacitors
B32330I5105J052 EPCOS-B32330I5105J052_1 Datasheet
120Kb / 7P
   Film Capacitors - AC Capacitors
B32330I5105J062 EPCOS-B32330I5105J062 Datasheet
261Kb / 7P
   Film capacitors - AC capacitors
B32330I5105J062 EPCOS-B32330I5105J062 Datasheet
120Kb / 7P
   Film Capacitors - AC Capacitors
More results

Similar Description - B32330I6105J060

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com