Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-011232-TR1000 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011232-TR1000
Description  1 W Driver Amplifier with VG Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011232-TR1000 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-011232-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAP-011232-TR1000 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Rev. V1
MAAP-011232
9
9
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0011105
9
1 W Driver Amplifier with VG Enable
0.1 - 3.0 GHz
Parameter
Symbol
Test Conditions
Units
Typical Values
Frequency
F
MHz
2000
2500
3000
Small-Signal Gain
SSG
-10 dBm input drive level
dB
23
25
16
Output Power @ 1dB compression
P-1dB
1 dB Gain compression
dBm
29
29
30
Saturated Output Power
PSAT
3 dB Gain compression
dBm
30
30
30.5
Power Added Efficiency
PAE
3 dB Gain compression
%
37
40.5
37
Reverse Isolation
S12
-10 dBm input drive level
dB
51
52
54
Input Return Loss
IRL
-10 dBm input drive level
dB
9
11
2
Output Return Loss
ORL
-10 dBm input drive level
dB
10
9
9
Output Third Order Intercept
OIP3
-13 dBm/tone, F1-F2 = 6 MHz
dBm
40
42
40
Drain Bias Voltage
VD
V
9
Gate Bias Voltage
VG
V
-0.55
Typical Electrical Specifications: Test Board B: 1600 - 3000 MHz Input Tuning
TA = +25°C, VD1 = VD2 = 9 V, IDQ1 = 65 mA, IDQ2 = 200 mA, Z0 = 50 Ω, CW
Schematic of the Test Board Type B: 1600-3000 MHz Input Tuning
Pin 1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
RF IN
RF OUT
VD1
VG
L2
L4
L5
VD2
C2
C6
C5
C4
C3
L1
C1
L3
C8
C7


Similar Part No. - MAAP-011232-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011202 MA-COM-MAAP-011202 Datasheet
1Mb / 10P
   2-Watt Output P1dB
MAAP-011202-001SMB MA-COM-MAAP-011202-001SMB Datasheet
1Mb / 10P
   2-Watt Output P1dB
MAAP-011202-TR0500 MA-COM-MAAP-011202-TR0500 Datasheet
1Mb / 10P
   2-Watt Output P1dB
MAAP-011246 MA-COM-MAAP-011246 Datasheet
1Mb / 10P
   Power Amplifier
MAAP-011246-1SMB MA-COM-MAAP-011246-1SMB Datasheet
1Mb / 10P
   Power Amplifier
More results

Similar Description - MAAP-011232-TR1000

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111 MICREL-SY10E111_06 Datasheet
68Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Qorvo, Inc
TQP9113 QORVO-TQP9113 Datasheet
774Kb / 15P
   1 W Linear Amplifier
logo
M/A-COM Technology Solu...
MAAP-011248-DIE MA-COM-MAAP-011248-DIE Datasheet
1Mb / 10P
   Power Amplifier, 1 W
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
   700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com