Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0761657108 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0761657108
Description  Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0761657108 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0761657108 Datasheet HTML 1Page - Molex Electronics Ltd. 0761657108 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Packaging Specification
PK-70873-758
Product Specification
PS-76060-999-001, TS-76170-0001-001
Sales Drawing
SD-76165-002
Symbol/Footprint Data
SYM-76165-7108
This document was generated on 01/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0761657108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761657108 MOLEX1-0761657108_17 Datasheet
37Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
More results

Similar Description - 0761657108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761657105 MOLEX11-0761657105 Datasheet
37Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761657104 MOLEX1-0761657104_17 Datasheet
37Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761657105 MOLEX1-0761657105_17 Datasheet
37Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761657108 MOLEX1-0761657108_17 Datasheet
37Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761657607 MOLEX1-0761657607_17 Datasheet
46Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761659804 MOLEX1-0761659804_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guide, Left Endwall
0761657604 MOLEX11-0761657604 Datasheet
46Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761657806 MOLEX11-0761657806 Datasheet
44Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761659103 MOLEX11-0761659103 Datasheet
46Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Right Guide, Left Endwall
0761657103 MOLEX11-0761657103 Datasheet
37Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
0761657107 MOLEX11-0761657107 Datasheet
37Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Left Guide, Right Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com