Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-010150 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-010150
Description  Fully Integrated Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010150 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010150 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-010150 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Power Amplifier
10.0 - 15.35 GHz
Rev. V2
MAAP-010150
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0009793
Absolute Maximum Ratings5,6,7
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near these
survivability limits.
7. Operating at nominal conditions with TJ ≤ +150°C will ensure
MTTF > 1 x 106 hours.
Drain Voltage (VD 1,2,3)
(Under No RF Drive)
9 V
Drain Voltage (VD 1,2,3)
(Under RF Drive)
5.5 V
Gate Voltage (VG 1,2,3)
-3 V
Storage Temperature
-65°C to +150°C
Junction Temperature
+175°C
Electrical Specifications:
Freq. = 10.0 - 15.35 GHz, IDQ = 2.2 A, TA = 25°C, VD = 5 V, Z0 = 50 Ω
PDISS
16.5 W
Operating Temperature
-40°C to +85°C
Junction Temperature
+150°C
Maximum Operating Ratings8,9
8. Junction temperature directly affects device MTTF. Junction
temperature should be kept as low as possible to maximize
lifetime. Thermal resistance, Θjc is 5.45 °C/W.
9. For saturated performance, it is recommended that the sum of
(2VDD + abs (VGG)) < 12 V.
Gain
dB
26
26
26
28.5
27.5
27.5
10.00 - 12.00 GHz
12.00 - 13.50 GHz
13.50 - 15.35 GHz
P1dB, @ 1 dB Compression
dBm
33.0
33.5
34.0
10.00 - 12.00 GHz
12.00 - 13.50 GHz
13.50 - 15.35 GHz
PSAT
dBm
33.5
33.5
33.5
36.5
36.0
36.0
10.00 - 12.00 GHz
12.00 - 13.50 GHz
13.50 - 15.35 GHz
OIP3
dBm
41
41
38.5
42
42
41
10.00 - 12.00 GHz
12.00 - 13.50 GHz
13.50 - 15.35 GHz
Input Return Loss
dB
10
Output Return Loss
dB
12
PAE, @ 1 dB Compression
%
20
Quiescent Current
mA
2000
2200
2400


Similar Part No. - MAAP-010150

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010168 MA-COM-MAAP-010168 Datasheet
737Kb / 7P
   Ceramic Flange Mount Package
MAAP-010168-000000 MA-COM-MAAP-010168-000000 Datasheet
737Kb / 7P
   Ceramic Flange Mount Package
MAAP-010168-000000 MA-COM-MAAP-010168-000000 Datasheet
737Kb / 7P
   Ceramic Flange Mount Package
MAAP-010168-V1 MA-COM-MAAP-010168-V1 Datasheet
224Kb / 6P
   10 W Power Amplifier
MAAP-010168 MA-COM-MAAP-010168_15 Datasheet
737Kb / 7P
   Ceramic Flange Mount Package
More results

Similar Description - MAAP-010150

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
   Fully Integrated Power Amplifier
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Silicon Laboratories
SI4421 SILABS-SI4421 Datasheet
2Mb / 46P
   Fully integrated
logo
Siemens Semiconductor G...
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
logo
AVAGO TECHNOLOGIES LIMI...
MGA-21108 AVAGO-MGA-21108 Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Broadcom Corporation.
MGA-21108 BOARDCOM-MGA-21108 Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com