Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4753 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4753
Description  Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4753 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4753 Datasheet HTML 2Page - National Semiconductor (TI) LM4753 Datasheet HTML 3Page - National Semiconductor (TI) LM4753 Datasheet HTML 4Page - National Semiconductor (TI) LM4753 Datasheet HTML 5Page - National Semiconductor (TI) LM4753 Datasheet HTML 6Page - National Semiconductor (TI) LM4753 Datasheet HTML 7Page - National Semiconductor (TI) LM4753 Datasheet HTML 8Page - National Semiconductor (TI) LM4753 Datasheet HTML 9Page - National Semiconductor (TI) LM4753 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics (Continued)
Application Information
GENERAL FEATURES
The LM4753 has a number of valuable functions that make
this audio amplifier IC an all-in-one solution. The IC has a
stereo audio path from input to output with a DC voltage con-
trolled volume attenuator in the preamp section. After the
volume attenuator is a line-out connection for preamp-out
control. The attenuation curve versus DC voltage can be
found by referring to the Volume Attenuation vs DC Voltage
graph in the Typical Performance Characteristics section.
The IC also possesses a mute function to provide audio at-
tenuation as used on a remote control for a TV, as well as a
standby function for power conservation when not being
used. The IC is well protected with thermal shutdown and
output AC short circuit protection.
Mute Function
The muting function of the LM4753 allows the user to mute
the music going into the amplifier, providing over 60 dB of at-
tenuation from input to output. The function is enabled by
placing a logic “1” or 5V onto the mute pin, pin 10. To disable
the function, allowing music to be passed to the output, a
logic “0” or 0V should be placed on the mute pin. By placing
the device into mute mode, each of the power amplifier out-
puts are simultaneously muted. The DC volume control and
line-out amplifiers are not affected by the mute function.
Please refer to
Table 1 for each input condition.
To prevent mechanical switch bouncing from adversely af-
fecting the functionality of the IC, an RC lowpass filter should
be used as shown in
Figure 2. This circuit replaces the need
for a debounce circuit when using a mechanical switch to
control the IC logic functions. However, most systems typi-
cally utilize a microprocessor or COP microcontroller to inter-
face with the logic control functions of the LM4753. When a
clean logic signal is used, as from a microcontroller, the RC
lowpass filter is not required.
Standby Function
The standby function allows the user to place the LM4753
into a power conserving mode that draws less than 10 mA of
quiescent power supply current. With the IC in this mode,
while using +22V for the supply voltage, the IC draws about
150 mW of power.
The standby function is enabled by placing a logic “1” or 5V
onto the standby pin, pin 9. To disable the function allowing
music to be passed to the output, a logic “0” or 0V should be
placed on the standby pin. When the standby function is en-
Supply Current
vs Supply Voltage
DS100043-20
Power Dissipation vs
Output Power
DS100043-21
Power Dissipation vs
Output Power
DS100043-22
Channel Separation
vs Frequency
DS100043-23
Attenuation vs Frequency
DS100043-24
Volume Attenuation vs
DC Voltage
DS100043-25
DS100043-26
FIGURE 2. Mute and Standby Pin Lowpass Filters
www.national.com
6


Similar Part No. - LM4753

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
   Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
[Old version datasheet]   LM4752 Stereo 11W Audio Power Amplifier
logo
National Semiconductor ...
LM4752T NSC-LM4752T Datasheet
690Kb / 18P
   Stereo 11W Audio Power Amplifier
LM4752TS NSC-LM4752TS Datasheet
690Kb / 18P
   Stereo 11W Audio Power Amplifier
More results

Similar Description - LM4753

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
   Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
[Old version datasheet]   LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
   30 W 30 W stereo amplifier with mute and standby
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
   40 W 40 W stereo amplifier with mute and standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com