Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8852-AIV420 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8852-AIV420
Description  High PSRR, Low Noise, 150mA CMOS Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8852-AIV420 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8852-AIV420 Datasheet HTML 3Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 4Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 5Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 6Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 7Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 8Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 9Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 10Page - Analog Microelectronics AME8852-AIV420 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AME
7
AME8852
Rev. B.01
High PSRR, LowNoise, 150mA
CMOS Regulator
n
Electrical Specifications
V
IN=VOUT(NOM) +1V, (for VOUT<2V, VIN=2.5V), IOUT=1mA, and COUT=1µF, CIN=1µF unless otherwise noted.
Typical values are at T
A=25
o
C.
Parameter
Symbol
Min
Typ
Max Units
Input Voltage
VIN
2.5
5.5
V
Output Accuracy
VOUT,ACC
-2.0
2.0
%
Output Voltage Range
VOUT
0.8
4.3
V
Note2
400
300
110
230
Output Current
IOUT
150
mA
Quiescent Current
IQ
60
90
µA
0.125 0.25
0.1
0.2
0.05
0.1
0.05
0.1
2.5
5
1.7
4
1.0
3
%/V
REGLINE
%/A
IOUT=1mA, 0.8V VOUT 1.2V,
2.5V VIN 3.5V
IOUT=1mA, 1.2V<VOUT 2.0V,
2.5V VIN 3.5V
Line Regulation
1mA IOUT 150mA
2.0V<VOUT(NOM)
REGLOAD
Load Regulation
IOUT=1mA, 2.0V<VOUT 4.2V,
VIN(MIN) VIN VIN(MIN)+1V
IOUT=1mA, 4.2V<VOUT 4.5V,
VIN(MIN) VIN 5.5V
1mA IOUT 150mA
0.8V VOUT(NOM) 1.2V
1mA IOUT 150mA
1.2V VOUT(NOM) 2.0V
IOUT=0mA
mV
IOUT=150mA, 2.8V<VOUT(NOM)
Test Condition
IOUT=1mA
Dropout Voltage
(Note 1)
VDROP
IOUT=150mA,
0.8V VOUT(NOM) 1.9V
IOUT=150mA
1.9V<VOUT(NOM) 2.4V
IOUT=150mA
2.4V<VOUT(NOM) 2.8V
OUT
IN
OUT
V
V
V
%
100
×
OUT
OUT
OUT
I
V
V
×
%
100


Similar Part No. - AME8852-AIV420

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A-AEU080 AME-AME8852A-AEU080 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A-AEU080K AME-AME8852A-AEU080K Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
More results

Similar Description - AME8852-AIV420

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com