Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4117-1 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # 1N4117-1
Description  500 mW power handling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4117-1 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  1N4117-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4117-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4117-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4117-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Noise Zener Diode Series
Rev. V2
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
1N4099-1 thru 1N4135-1 &
1N4614-1 thru 1N4627-1
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - 1N4117-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4117-1 CDI-DIODE-1N4117-1 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Sensitron
1N4117-1 SENSITRON-1N4117-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4117-1-UR-1 SENSITRON-1N4117-1-UR-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
More results

Similar Description - 1N4117-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
   DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
   DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
   DECT 500 mW power amplifier
1999 Jul 21
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Micro Commercial Compon...
MTZJ39 MCC-MTZJ39 Datasheet
281Kb / 5P
   500 mW Zener Diode
MMTZJ39 MCC-MMTZJ39 Datasheet
306Kb / 5P
   500 mW Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com