Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP70A-00-0000-0D0BN20E6 Datasheet(PDF) 1 Page - Cree, Inc

Part # XHP70A-00-0000-0D0BN20E6
Description  XLamp XHP70 LEDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP70A-00-0000-0D0BN20E6 Datasheet(HTML) 1 Page - Cree, Inc

  XHP70A-00-0000-0D0BN20E6 Datasheet HTML 1Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 2Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 3Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 4Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 5Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 6Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 7Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 8Page - Cree, Inc XHP70A-00-0000-0D0BN20E6 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product family data sheet
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo and SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered
trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XHP70 LEDs
ProDuCt DEsCriPtion
Powered by Cree’s groundbreaking SC5
Technology™ Platform, the XLamp XHP70
LeD is a member of Cree’s extreme High
Power (XHP) class of LEDs that redefines
lumen density and reliability to radically
reduce system costs by up to 40 percent.
At its maximum current, the XHP70 LeD
delivers twice the light output of the XLamp
MK-R LeD, with similar lumens per watt and
without increasing the package footprint.
The XHP70 LeD also achieves longer
lifetime at higher operating temperatures
than previous LeD technology. The result is
significantly lower thermal, mechanical and
optical costs at the system level.
FEAturEs
• Available in white, configurable to 6 V
or 12 V by PCB layout
• Available in 5-step easyWhite® bins
at 3000 K to 5000 K CCT, 3-step
EasyWhite bins at 2700 K to 5000 K
and 2-step EasyWhite bins at 2700 K
to 4000 K CCT
• Available in ANSI white bins at
3000 K to 7000 K CCT
• Available in standard, 70-, 80-, and
90-minimum CRI options
• Binned at 85 °C
• Maximum drive current: 4800 mA
(6 V), 2400 mA (12 V)
• Low thermal resistance: 0.9 °C/W
• Wide viewing angle: 120°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC
J-STD-020C
• RoHS and ReACh compliant
• UL® recognized component
(e349212)
tAbLE oF ContEnts
Characteristics ..............................................2
Flux Characteristics, easyWhite® Order
Codes and Bins .............................................3
Flux Characteristics, ANSI White Order
Codes and Bins .............................................6
Relative Spectral Power Distribution ...........9
Relative Flux vs. Junction Temperature.......9
electrical Characteristics........................... 10
Relative Flux vs. Current ............................ 11
Relative Chromaticity vs Current............... 12
Relative Chromaticity vs Temperature...... 13
Typical Spatial Distribution........................ 13
Thermal Design.......................................... 14
Performance Groups – Luminous Flux..... 15
Performance Groups – Chromaticity........ 15
Cree’s Standard White Chromaticity
Regions Plotted on the CIe 1931 Curve.... 19
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity Regions.. 22
Cree’s Standard Warm and Neutral White
Kits Plotted on ANSI Standard
Chromaticity Regions ................................ 23
Bin and Order-Code Format....................... 24
Reflow Soldering Characteristics.............. 25
Notes .......................................................... 26
Mechanical Dimensions ............................ 28
Electrical Configuration ............................. 30
Tape and Reel............................................. 30
Packaging................................................... 31


Similar Part No. - XHP70A-00-0000-0D0BN20E6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP70.2 CREE-XHP70.2 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20DT CREE-XHP70B-00-0000-0D00N20DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20E1 CREE-XHP70B-00-0000-0D00N20E1 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DT CREE-XHP70B-00-0000-0D00N40DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DV CREE-XHP70B-00-0000-0D00N40DV Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
More results

Similar Description - XHP70A-00-0000-0D0BN20E6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com