Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1393816-9 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 3-1393816-9
Description  Contacts for signal loads and currents up to 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393816-9 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  3-1393816-9 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393816-9 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393816-9 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393816-9 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
Cradle W Relay V23005 (Continued)
Product code
Version
Coil
Arrangement
Contacts
Enclosure
PartNumber
V23005-AXXXX, standard, size I
V23005-A0017-B104
Standard, size I
12VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-8
V23005-A0021-C104
Standard, size I
18VAC
2 form C (2 CO)
Bifurcated
Dust protected
2-1393816-0
V23005-A0010-B104
Standard, size I
24VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-7
V23005-A0009-B104
Standard, size I
42VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-5
V23005-A0019-B104
Standard, size I
48VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-9
V23005-A0008-B104
Standard, size I
60VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-4
V23005-A0007-B104
Standard, size I
110VAC
2 form C (2 CO)
Single
Dust protected
1393816-8
V23005-A0007-B604
Standard, size I
110VAC
2 form C (2 CO)
Single
Dust protected
1-1393816-0
V23005-A0007-C104
Standard, size I
110VAC
2 form C (2 CO)
Bifurcated
Dust protected
1-1393816-1
V23005-A0004-B104
Standard, size I
220VAC
2 form C (2 CO)
Single
Dust protected
1393816-1
V23005-A0004-B604
Standard, size I
220VAC
2 form C (2 CO)
Single
Dust protected
1393816-3
V23005-A0004-C104
Standard, size I
220VAC
2 form C (2 CO)
Bifurcated
Dust protected
1393816-4
V23005-AXXXX, 5A, size I
V23005-A0009-F106
5A, size I
42VAC
1 A + 1 B (1 NO+1 NC)
Single
Dust protected
1-1393816-6
V23005-A0007-F105
5A, size I
110VAC
2 form A (2 NO)
Single
Dust protected
1-1393816-2
V23005-A0007-F106
5A, size I
110VAC
1 A + 1 B (1 NO+1 NC)
Single
Dust protected
1-1393816-3
V23005-A0004-F105
5A, size I
220VAC
2 form A (2 NO)
Single
Dust protected
1393816-6
V23005-A0004-F106
5A, size I
220VAC
1 A + 1 B (1 NO+1 NC)
Single
Dust protected
1393816-7
V23005-BXXXX, standard, size II
V23005-B0017-B110
Standard, size II
12VAC
4 form C (4 CO)
Single
Dust protected
4-1393816-5
V23005-B0010-B110
Standard, size II
24VAC
4 form C (4 CO)
Single
Dust protected
4-1393816-0
V23005-B0010-C110
Standard, size II
24VAC
4 form C (4 CO)
Bifurcated
Dust protected
4-1393816-1
V23005-B0010-C410
V23005-B0009-B110
Standard, size II
42VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-7
V23005-B0009-C110
Standard, size II
42VAC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393816-8
V23005-B0008-B110
Standard, size II
60VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-5
V23005-B0007-B110
Standard, size II
110VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-0
V23005-B0007-B610
Standard, size II
110VAC
4 form C (4 CO)
Single
Dust protected
3-1393816-1
V23005-B0007-C110
Standard, size II
110VAC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393816-2
V23005-B0007-C410
Standard, size II
110VAC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393816-3
V23005-B0004-B110
Standard, size II
220VAC
4 form C (4 CO)
Single
Dust protected
2-1393816-2
V23005-B0004-B610
Standard, size II
220VAC
4 form C (4 CO)
Single
Dust protected
2-1393816-4
V23005-B0004-C110
Standard, size II
220VAC
4 form C (4 CO)
Bifurcated
Dust protected
2-1393816-5
V23005-B0004-C410
Standard, size II
220VAC
4 form C (4 CO)
Bifurcated
Dust protected
2-1393816-6
V23005-BXXXX, 5A, size II
V23005-B0015-F104
5A, size II
6VAC
2 form C (2 CO)
Single
Dust protected
4-1393816-4
V23005-B0017-F104
5A, size II
12VAC
2 form C (2 CO)
Single
Dust protected
4-1393816-6
V23005-B0010-F104
5A, size II
24VAC
2 form C (2 CO)
Single
Dust protected
4-1393816-3
V23005-B0009-F104
5A, size II
42VAC
2 form C (2 CO)
Single
Dust protected
3-1393816-9
V23005-B0008-F104
5A, size II
60VAC
2 form C (2 CO)
Single
Dust protected
3-1393816-6
V23005-B0007-F104
5A, size II
110VAC
2 form C (2 CO)
Single
Dust protected
3-1393816-4
V23005-B0004-F104
5A, size II
220VAC
2 form C (2 CO)
Single
Dust protected
2-1393816-8


Similar Part No. - 3-1393816-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393816-9 TEC-3-1393816-9 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 3-1393816-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
   Output Currents up to 0.5A (output1 & 2)
logo
PHOENIX CONTACT
101810 PHOENIX-101810 Datasheet
150Kb / 4P
   Miniature Relays With PDT for Loads up to 6 A
102829 PHOENIX-102829 Datasheet
123Kb / 3P
   Power Optocouplers for Switching AC Loads up to 2 A
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
logo
PHOENIX CONTACT
1912595 PHOENIX-1912595 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com