Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

312192-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 312192-1
Description  Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

312192-1 Datasheet(HTML) 5 Page - Tyco Electronics

  312192-1 Datasheet HTML 1Page - Tyco Electronics 312192-1 Datasheet HTML 2Page - Tyco Electronics 312192-1 Datasheet HTML 3Page - Tyco Electronics 312192-1 Datasheet HTML 4Page - Tyco Electronics 312192-1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408-9603
Feed-Through Head Assembly 58442-1
5 of 5
Rev C
Tyco Electronics Corporation
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTYPER HEAD
1
314487-1
HEAD, Finished
1
2
6-22278-5
SPRING, Compression
1
3
312161-1
PAWL, Locating
1
4
21041-7
PIN, Spiral Spring
1
5
312192-1
PAWL, Finished Feed
1
6
1-23147-2
SPRING, Compression
1
7
312151-1
SLIDE, Feed
1
8
314490-1
CAM, Traverse Slide
1
9
312160-1
INSERTER, Wire
1
10
3-21028-2
PIN, Slotted Spring
1
11
312148-1
ROD, Inserter
1
12
312149-1
ADJUSTER, Rod Inserter
1
13
22488-5
SPRING, Compression
1
14
314488-1
HOUSING, Insert
1
15
4-22430-8
SCREW, Machine 4-40.88
4
16
845053-1
GUIDE, Terminal
1
17
854178-1
HOUSING, Insert
1
18
314500-1
WIRE RETAINER, Subassembly
1
Figure 5 (End)
through your representative, or call 1–800–526–5142,
or send a facsimile of your purchase order to
717–986–7605, or write to:
CUSTOMER SERVICE (038–035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105–3608
For customer repair service, call 1–800–526–5136.
8. REVISION SUMMARY
S Updated document to corporate requirements
S Corrected Section 1
S Corrected part number for item 17 and
switched bubbles 17 and 18 in Figure 5


Similar Part No. - 312192-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
312192-1 MACOM-312192-1 Datasheet
172Kb / 5P
   Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
logo
TE Connectivity Ltd
312192-1 TEC-312192-1 Datasheet
172Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
312192-1 TEC-312192-1 Datasheet
166Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 312192-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-8340 TEC-408-8340 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9085 MACOM-408-9085 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9910 MACOM-408-9910 Datasheet
169Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10047 MACOM-408-10047 Datasheet
228Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-6929 TEC-408-6929 Datasheet
166Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com