Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP70A-00-0000-0D00N20E3 Datasheet(PDF) 11 Page - Cree, Inc

Part # XHP70A-00-0000-0D00N20E3
Description  XLamp XHP70 LEDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP70A-00-0000-0D00N20E3 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XHP70A-00-0000-0D00N20E3 Datasheet HTML 7Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 8Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 9Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 10Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 11Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 12Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 13Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 14Page - Cree, Inc XHP70A-00-0000-0D00N20E3 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® XHp70 LED
rELAtivE FLuX vs. CurrEnt (t
J = 85 °C)
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
0
800
1600
2400
3200
4000
4800
Forward Current (mA)
6 V
Relative Intensity vs. Current (Tj = 85°C)
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
0
400
800
1200
1600
2000
2400
Forward Current (mA)
12 V


Similar Part No. - XHP70A-00-0000-0D00N20E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP70.2 CREE-XHP70.2 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20DT CREE-XHP70B-00-0000-0D00N20DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20E1 CREE-XHP70B-00-0000-0D00N20E1 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DT CREE-XHP70B-00-0000-0D00N40DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DV CREE-XHP70B-00-0000-0D00N40DV Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
More results

Similar Description - XHP70A-00-0000-0D00N20E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com