Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1904025-5 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2-1904025-5
Description  Automotive Relays Plug-in Mini ISO Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1904025-5 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2-1904025-5 Datasheet HTML 1Page - TE Connectivity Ltd 2-1904025-5 Datasheet HTML 2Page - TE Connectivity Ltd 2-1904025-5 Datasheet HTML 3Page - TE Connectivity Ltd 2-1904025-5 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
03-2014, Rev. 0314
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay B (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Other Data (continued)
Terminal type
plug-in, QC
Cover retention
axial force
150N
pull force
200N
push force
200N
Terminal retention8)
pull force
100N
push force
100N
resistance to bending
10N
force applied to side
10N
torque
0.3Nm
Weight
approx. 35g (1.2oz)
Packaging unit
200 pcs.
6) Refers to used mateials.
7) No change in the switching state >10μs. Valid for NC contacts, NO contact values
significantly higher.
8) Values apply 2mm from the end of the terminal. When the force is removed, the terminal
must not have moved by more than 0.3mm.
Accessories
For details see datasheet
Connectors for Mini ISO Relays
NO
1 form A, NO
87
30
86
85
NOR
1 form A, NO with resistor
87
30
86
85
NO_2x87
1 form A, 1 NO (2x87)
87 87
30
86
85
Terminal Assignment
NOR_2x87
1 form A, 1 NO (2x87) with resistor
87 87
30
86
85
NOD_2x87
1 form A, 1 NO (2x87) with diode
87 87
30
86
85
CO
1 form C, CO
87 87a
30
86
85
COR
1 form C, CO with resistor
87 87a
30
86
85
COD
1 form C, CO with diode
87 87a
30
86
85


Similar Part No. - 2-1904025-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1904025-5 MACOM-2-1904025-5 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
More results

Similar Description - 2-1904025-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
logo
Tyco Electronics
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com