Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1393817-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3-1393817-2
Description  Highly reliable multi purpose relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393817-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3-1393817-2 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393817-2 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393817-2 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393817-2 Datasheet HTML 4Page - TE Connectivity Ltd 3-1393817-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Highly reliable multi purpose relay
n
Great variety of contact arrangements and materials to meet
specific applications
n
Contacts for signal loads and currents up to 5A
n
Primarily intended for impulse operation
n
Sockets for easy and quick mounting of relays (see datasheet
Accessories)
Typical applications
applications where the switching status must be maintained, measuring
systems
Max. DC breaking capacity, contact sets B1xx, C1xx
Max. DC breaking capacity, contact sets F1xx
Cradle P Relay V23003
Contact Data
Product code block 3
B104/B110
B604/B610
C104/C110
C404/C410
F104 to F107
Contact arrangement
max. 4 form C (4 CO) contacts, 2 form C (2 CO), 2 form A (2 NO) or 2 form B (2 NC) contacts (see product code table)
Max. switching voltage
150VDC
36VDC
150VDC
36VDC
250VDC
125VAC
30VAC
125VAC
30VAC
250VAC
Rated current
2A
0.2A
2A
0.2A
5A
Limiting continuous current
at max. ambient temperature
2A
2A
2A
2A
5A
Breaking capacity
35 to 70W
5W, 5VA
35 to 70W
5W, 5VA
50 to 140W
see DC load breaking capacity curve below 50VA
-
50VA
-
500VA
Contact material
silver, gold-flashed
gold F
silver, gold-flashed
gold F
silver, gold-flashed
Contact style
single contact
single contact
bifurcated contacts
bifurcated contacts
single contact
Frequency of operation, without load, max. 20 ops./s
20 ops./s
20 ops./s
20 ops./s
20 ops./s
Mechanical endurance
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 108 ops.


Similar Part No. - 3-1393817-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393817-2 TEC-3-1393817-2 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 3-1393817-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Amphenol Corporation
P562 AMPHENOL-P562 Datasheet
69Kb / 2P
   Highly reliable, silicon pressure sensor
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
   Highly reliable Hall Effect device
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
THDD-5A TOPSTEK-THDD-5A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
THT-6A TOPSTEK-THT-6A Datasheet
90Kb / 2P
   Highly reliable Hall Effect device
TJC-25A TOPSTEK-TJC-25A Datasheet
162Kb / 2P
   Highly reliable Hall Effect device
THP-5A TOPSTEK-THP-5A Datasheet
102Kb / 2P
   Highly reliable Hall Effect device
logo
Panasonic Semiconductor
DR-L2-24V PANASONIC-DR-L2-24V Datasheet
458Kb / 3P
   HIGHLY RELIABLE MINIATURE DIP RELAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com