Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQDAWT-00-0000-00000LBE7 Datasheet(PDF) 3 Page - Cree, Inc

Part # XQDAWT-00-0000-00000LBE7
Description  XLamp XQ-D LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQDAWT-00-0000-00000LBE7 Datasheet(HTML) 3 Page - Cree, Inc

  XQDAWT-00-0000-00000LBE7 Datasheet HTML 1Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 2Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 3Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 4Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 5Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 6Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 7Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 8Page - Cree, Inc XQDAWT-00-0000-00000LBE7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® XQ-D LED
FLUX ChARACTERISTICS (T
J = 25 °C)
The following table provides several base order codes for XLamp XQ-D LeDs. It is important to note that the base order codes listed here
are a subset of the total available order codes for the product family. For more order codes, as well as a complete description of the order-
code nomenclature, please consult the XLamp XQ LeD Family Binning and Labeling document.
Color
CCT Range
Minimum Luminous Flux
@ 350 mA
Calculated
Minimum
Luminous Flux
(lm)*
Order Code
Min.
Max.
Group
Flux (lm)
700 mA
CoolWhite
5000 K
8300 K
R4
130
227
XQDAWT-00-0000-00000LG51
R3
122
213
XQDAWT-00-0000-00000LF51
R2
114
199
XQDAWT-00-0000-00000LE51
70 CRI Minimum
CoolWhite
5000 K
8300 K
R4
130
227
XQDAWT-00-0000-00000BG51
R3
122
213
XQDAWT-00-0000-00000BF51
R2
114
199
XQDAWT-00-0000-00000BE51
NeutralWhite
3700 K
5000 K
R3
122
213
XQDAWT-00-0000-00000BFE5
R2
114
199
XQDAWT-00-0000-00000BEE5
Q5
107
187
XQDAWT-00-0000-00000LDE5
80 CRI Minimum
White
2600 K
4300K
Q4
100
172
XQDAWT-00-0000-00000HCE7
Q3
93.9
164
XQDAWT-00-0000-00000HBE7
Q2
87.4
153
XQDAWT-00-0000-00000HAE7
WarmWhite
2600 K
3700 K
Q4
100
172
XQDAWT-00-0000-00000LCE7
Q3
93.9
164
XQDAWT-00-0000-00000LBE7
Q2
87.4
153
XQDAWT-00-0000-00000LAE7
Notes:
• Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsand±2onCRI
measurements.SeetheMeasurementssection(page8).
• TypicalCRIforNeutralWhite,3700K-5000KCCTis75.
• TypicalCRIforWarmWhite,2600K-3700KCCTis80.
• MinimumCRIfor70CRIMinimumCoolWhiteis70.
• MinimumCRIfor80CRIMinimumWhiteis80.
* Calculatedfluxvaluesat700 mAareforreferenceonly.


Similar Description - XQDAWT-00-0000-00000LBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
   XLamp XQ-B LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
CLD-DS52 CREE-CLD-DS52 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XQ-D LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com