Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQBAWT-00-0000-00000L051 Datasheet(PDF) 3 Page - Cree, Inc

Part # XQBAWT-00-0000-00000L051
Description  XLamp XQ-B LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQBAWT-00-0000-00000L051 Datasheet(HTML) 3 Page - Cree, Inc

  XQBAWT-00-0000-00000L051 Datasheet HTML 1Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 2Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 3Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 4Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 5Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 6Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 7Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 8Page - Cree, Inc XQBAWT-00-0000-00000L051 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® XQ-B LED
RELATIvE SPECTRAL POwER DISTRIBUTION
RELATIvE FLUX vS. JUNCTION TEMPERATURE (I
F = 80 mA)
Relative Spectral Power
0
20
40
60
80
100
380
430
480
530
580
630
680
730
780
Wavelength (nm)
Cool White
Neutral White
Warm White
Relative Flux Output vs. Junction Temperature
0
10
20
30
40
50
60
70
80
90
100
25
50
75
100
125
150
Junction Temperature (ºC)
3


Similar Part No. - XQBAWT-00-0000-00000L051

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQBAWT-00-0000-00000H0E5 CREE-XQBAWT-00-0000-00000H0E5 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQBAWT-00-0000-00000HXE5 CREE-XQBAWT-00-0000-00000HXE5 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQBAWT-00-0000-00000HXE7 CREE-XQBAWT-00-0000-00000HXE7 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
More results

Similar Description - XQBAWT-00-0000-00000L051

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
   XLamp XQ-D LED
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com