Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBDBLU-00-0000-000000Z01 Datasheet(PDF) 5 Page - Cree, Inc

Part # XBDBLU-00-0000-000000Z01
Description  XLamp XB-D LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDBLU-00-0000-000000Z01 Datasheet(HTML) 5 Page - Cree, Inc

  XBDBLU-00-0000-000000Z01 Datasheet HTML 1Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 2Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 3Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 4Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 5Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 6Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 7Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 8Page - Cree, Inc XBDBLU-00-0000-000000Z01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® XB-D LED
Color
Dominant Wavelength Range
Minimum Luminous Flux
(lm) @ 350 mA
Order Code
Minimum
Maximum
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (lm)
Red-
Orange
O3
610
O4
620
Q4
100
XBDRDO-00-0000-000000C01
Q3
93.9
XBDRDO-00-0000-000000B01
Q2
87.4
XBDRDO-00-0000-000000A01
P4
80.6
XBDRDO-00-0000-000000901
P3
73.9
XBDRDO-00-0000-000000801
Color
Dominant Wavelength Range
Minimum Luminous Flux
(lm) @ 350 mA
Order Code
Minimum
Maximum
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux (lm)
Red
R2
620
R3
630
P2
67.2
XBDReD-00-0000-000000701
N4
62
XBDReD-00-0000-000000601
N3
56.8
XBDReD-00-0000-000000501
Note: Cree maintains a tolerance of ±7% on flux and power measurements and ±1 nm on dominant wavelength measurements.See the
Measurements section (page 14).
FLUX ChARACTERISTICS - COLOR (T
J = 25 °C) - Continued


Similar Part No. - XBDBLU-00-0000-000000Z01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDBLU-00-0000-000000Z01 CREE-XBDBLU-00-0000-000000Z01 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDBLU-00-0000-000000Z01 CREE-XBDBLU-00-0000-000000Z01 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDBLU-00-0000-000000Z01 CREE-XBDBLU-00-0000-000000Z01 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
logo
Cree LED
XBDBLU-00-0000-000000Z01 CREELED-XBDBLU-00-0000-000000Z01 Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
More results

Similar Description - XBDBLU-00-0000-000000Z01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com