Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T9E Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # T9E
Description  PCB and PCB/quick connect terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T9E Datasheet(HTML) 2 Page - TE Connectivity Ltd

  T9E Datasheet HTML 1Page - TE Connectivity Ltd T9E Datasheet HTML 2Page - TE Connectivity Ltd T9E Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
02-2014, Rev. 0214
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
Power PCB Relay T9E (Continued)
Potter & Brumfield
Other Data (Continued)
Terminal type
PCB-tht and PCB-tht + quick
connect
Weight
26g mounting code 1
33g mounting codes 2 and 5
Resistance to soldering heat THT
IEC 60068-2-20
260°C
Packaging/unit
tray/50 pcs., box/250 pcs.
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-40ºC to 85ºC / 105°C
Category of environmental protection
IEC 61810
RTII - flux proof (T9EV)
RTIII - wash tight (T9ES)
Vibration resistance (functional)
1.5mm, 10-55 Hz
Shock resistance (functional)
10g for 11msec
Shock resistance (destructive)
100g
Dimensions
PCB version
PCB/quick connect version
Terminal assignment
Bottom view on pins
1 form A
1 form C
PCB layout
Bottom view on pins
PCB version
PCB/quick connect version
S0289-A
27,4 MAX.
3,3
+,41
–,25
S0290-A
27,4 MAX.
S0261-AH
S0261-AA
Only necessary terminals are
present on single throw models.
Consequently, some holes will
be unnecessary for single throw
models.
Only necessary terminals are
present on single throw models.
Consequently, some holes will
be unnecessary for single throw
models.


Similar Part No. - T9E

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
T9E TP-LINK-T9E Datasheet
6Mb / 7P
   Touch Screen Wi-Fi Gigabit Router
More results

Similar Description - T9E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GS21 SCHURTER-GS21 Datasheet
552Kb / 4P
   IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
05.01.2022
2570 SCHURTER-2570_V01 Datasheet
399Kb / 5P
   IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
05.01.2022
2570 SCHURTER-2570 Datasheet
385Kb / 5P
   IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
2572_1810 SCHURTER-2572_1810 Datasheet
388Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572_18 Datasheet
377Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572 Datasheet
386Kb / 3P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572_21 Datasheet
390Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572_V01 Datasheet
390Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
05.01.2022
logo
Molex Electronics Ltd.
0197054001 MOLEX4-0197054001 Datasheet
119Kb / 2P
   PCB Tab Quick Disconnect
logo
List of Unclassifed Man...
V4NSYRUL ETC2-V4NSYRUL Datasheet
371Kb / 4P
   solder, 2,8 mm faston and PCB terminals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com