Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBHAWT-00-0000-0000T30E3 Datasheet(PDF) 4 Page - Cree, Inc

Part # XBHAWT-00-0000-0000T30E3
Description  XLamp XB-H LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBHAWT-00-0000-0000T30E3 Datasheet(HTML) 4 Page - Cree, Inc

  XBHAWT-00-0000-0000T30E3 Datasheet HTML 1Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 2Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 3Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 4Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 5Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 6Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 7Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 8Page - Cree, Inc XBHAWT-00-0000-0000T30E3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® XB-H LED
rELAtivE sPECtrAL PowEr DistriBution
rELAtivE FLuX vs. JunCtion tEMPErAturE (i
F = 700 mA)
Relative Spectral Power
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
Cool White
Warm White
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)


Similar Part No. - XBHAWT-00-0000-0000T30E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBHAWT-00-0000-0000T30E3 CREE-XBHAWT-00-0000-0000T30E3 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
More results

Similar Description - XBHAWT-00-0000-0000T30E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com