Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHGAWT-00-0000-00000LXE7 Datasheet(PDF) 9 Page - Cree, Inc

Part # XHGAWT-00-0000-00000LXE7
Description  XLamp XH-G LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHGAWT-00-0000-00000LXE7 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XHGAWT-00-0000-00000LXE7 Datasheet HTML 4Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 5Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 6Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 7Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 8Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 9Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 10Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 11Page - Cree, Inc XHGAWT-00-0000-00000LXE7 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® XH-G LED
UL® Recognized Component
Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/
UL 8750.
vision Advisory
WARNING: Do not look at exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please refer
to the LeD eye Safety application note.
NOTES - CONTINUED


Similar Part No. - XHGAWT-00-0000-00000LXE7

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XHGV-0000 RALSTON-XHGV-0000 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump
XHGV-0000 RALSTON-XHGV-0000 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump, 1/4" female NPT gauge swivel, 3ft hose, 1/4" MNPT process connection
XHGV-0000 RALSTON-XHGV-0000_14 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump, 1/4" female NPT gauge swivel, 3ft hose, 1/4" MNPT process connection
XHGV-4GBW RALSTON-XHGV-4GBW Datasheet
207Kb / 1P
   5000 psi (350 bar) XHGV pump
XHGV-4GBW RALSTON-XHGV-4GBW_14 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump, 1/2" female BSPP gauge swivel, 1m hose, 1/4창?р? FBSPP process conn
More results

Similar Description - XHGAWT-00-0000-00000LXE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com