Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHBAWT-00-0000-00000BWE5 Datasheet(PDF) 1 Page - Cree, Inc

Part # XHBAWT-00-0000-00000BWE5
Description  XLamp XH-B LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHBAWT-00-0000-00000BWE5 Datasheet(HTML) 1 Page - Cree, Inc

  XHBAWT-00-0000-00000BWE5 Datasheet HTML 1Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 2Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 3Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 4Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 5Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 6Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 7Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 8Page - Cree, Inc XHBAWT-00-0000-00000BWE5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product family data sheet
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XH-B LED
PRODUCT DESCRIPTION
Unlike
common
plastic
packages,
XLamp® XH LeDs use a ceramic package
to deliver the unique combination of high
performance and reliability not available
elsewhere in mid-power LeDs. The
ceramic-based XH LeDs are designed to
deliver the long L70 lifetimes of Cree’s
other high-power LeDs, such as XP or
XT LeDs, as well as industry-leading LeD
efficacy levels.
Optimized for fluorescent replacement
lighting applications, such as troffers
and panel lights, where high efficacy,
long lifetime and smooth appearance
are critical, the XH LeDs allow lighting
manufacturers to offer products that
meet the lifetime expectations of LeD
technology.
FEATURES
• Package size: 3.0 X 3.0 mm
• Available in white, 70-minimum CRI
cool white, 80-minimum CRI white
and 85- and 90-minimum CRI warm
white
• 175 mA maximum drive current
• viewing angle: 130°
• Reflow solderable - JEDEC
J-STD-020C compatible
• Unlimited floor life at
≤ 30 °C/85% RH
• RoHS and ReACh compliant
• UL® recognized component
(E349212)
TABLE OF CONTENTS
Characteristics .......................................2
Flux Characteristics ...............................3
Relative Spectral Power Distribution ....4
Relative Flux vs. Junction
Temperature ...........................................4
electrical Characteristics.......................5
Relative Flux vs. Current ........................5
Typical Spatial Distribution....................6
Thermal Design......................................6
Reflow Soldering Characteristics..........7
Notes ......................................................8
Mechanical Dimensions ........................9
Tape and Reel.......................................10
Packaging.............................................11


Similar Part No. - XHBAWT-00-0000-00000BWE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHBAWT-00-0000-00000BWE5 CREE-XHBAWT-00-0000-00000BWE5 Datasheet
1Mb / 11P
   XLamp XH-B LED
More results

Similar Description - XHBAWT-00-0000-00000BWE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
   XLamp XQ-B LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com