Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHBAWT-00-0000-00000LWE5 Datasheet(PDF) 3 Page - Cree, Inc

Part # XHBAWT-00-0000-00000LWE5
Description  XLamp XH-B LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHBAWT-00-0000-00000LWE5 Datasheet(HTML) 3 Page - Cree, Inc

  XHBAWT-00-0000-00000LWE5 Datasheet HTML 1Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 2Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 3Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 4Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 5Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 6Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 7Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 8Page - Cree, Inc XHBAWT-00-0000-00000LWE5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® XH-B LED
FLUX CHARACTERISTICS (T
J = 25 °C)
The following table provides several base order codes for XLamp XH-B LeDs. It is important to note that the base order codes listed here
are a subset of the total available order codes for the product family. For more order codes, as well as a complete description of the order-
code nomenclature, please consult the XLamp XH LeD Family Binning and Labeling document.
Color
CCT Range
Minimum Luminous Flux
@ 65 mA
Calculated
Minimum
Luminous Flux
(lm)*
Order Code
Minimum
Maximum
Group
Flux (lm)
125 mA
Cool White
5000 K
8300 K
J3
26.8
46.0
XHBAWT-00-0000-00000LX51
Neutral White
3700 K
5000 K
J2
23.5
40.4
XHBAWT-00-0000-00000LWE5
Warm White
2600 K
3700 K
J2
23.5
40.4
XHBAWT-00-0000-00000LWE7
70-CRI White
5000 K
8300 K
J3
26.8
46.0
XHBAWT-00-0000-00000BX51
3700 K
5000 K
J2
23.5
40.4
XHBAWT-00-0000-00000BWE5
2600 K
3700 K
J2
23.5
40.4
XHBAWT-00-0000-00000BWE7
80-CRI White
5000 K
8300 K
J3
26.8
46.0
XHBAWT-00-0000-00000HX51
3700 K
5000 K
J2
23.5
40.4
XHBAWT-00-0000-00000HWE5
2600 K
3700 K
J2
23.5
40.4
XHBAWT-00-0000-00000HWE7
85-CRI White
2600 K
3200 K
H0
18.1
31.1
XHBAWT-00-0000-00000PVE7
90-CRI White
2600 K
3200 K
H0
18.1
31.1
XHBAWT-00-0000-00000UVE7
Notes:
• Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI
measurements. See the Measurements section (page 8).
• Typical CRI for Neutral White, 3700 K - 5000 K CCT is 75.
• Typical CRI for Warm White, 2600 K - 3700 K CCT is 80.
• Minimum CRI for 70-CRI Minimum Cool White is 70.
• Minimum CRI for 80-CRI Minimum White is 80.
• Minimum CRI for 85-CRI Minimum White is 85.
• Minimum CRI for 90-CRI Minimum White is 90.
* Calculated flux values at 125 mA are for reference only.


Similar Part No. - XHBAWT-00-0000-00000LWE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHBAWT-00-0000-00000LWE5 CREE-XHBAWT-00-0000-00000LWE5 Datasheet
1Mb / 11P
   XLamp XH-B LED
More results

Similar Description - XHBAWT-00-0000-00000LWE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
   XLamp XQ-B LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com