Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XBDAWT-00-0000-000000F51 Datasheet(PDF) 3 Page - Cree, Inc

Part # XBDAWT-00-0000-000000F51
Description  XLamp XB-D LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDAWT-00-0000-000000F51 Datasheet(HTML) 3 Page - Cree, Inc

  XBDAWT-00-0000-000000F51 Datasheet HTML 1Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 2Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 3Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 4Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 5Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 6Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 7Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 8Page - Cree, Inc XBDAWT-00-0000-000000F51 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® XB-D LED
FLUX ChARACTERISTICS - WhITE (T
J = 85 °C)
The following table provides several base order codes for XLamp XB-D LEDs. It is important to note that the base order codes listed here
are a subset of the total available order codes for the product family. For more order codes, as well as a complete description of the order-
code nomenclature, please consult the XLamp XB-D LeD Binning and Labeling document.
Color
CCT Range
Minimum Luminous Flux
@ 350 mA
Calculated Minimum
Luminous Flux (lm)**
Order Code
Minimum
Maximum
Group
Flux (lm) @
85 °C
Flux (lm) @
25 °C*
700 mA
1000 mA
Cool White
5000 K
8300 K
R3
122
139
210
271
XBDAWT-00-0000-000000F51
R2
114
130
196
253
XBDAWT-00-0000-000000E51
70 CRI Minimum
Cool White
5000 K
8300 K
R3
122
139
210
271
XBDAWT-00-0000-00000BF51
R2
114
130
196
253
XBDAWT-00-0000-00000BE51
Neutral White
3700 K
5000 K
R2
114
130
196
253
XBDAWT-00-0000-00000LEE4
Q5
107
122
184
237
XBDAWT-00-0000-00000LDE4
Q4
100
114
172
222
XBDAWT-00-0000-00000LCE4
80 CRI Minimum
White
2600 K
6200 K
Q4
100
114
172
222
XBDAWT-00-0000-00000HCE7
Q3
93.9
107
162
208
XBDAWT-00-0000-00000HBE7
Q2
87.4
100
150
194
XBDAWT-00-0000-00000HAE7
Warm White
2600 K
3700 K
Q4
100
114
172
222
XBDAWT-00-0000-00000LCE7
Q3
93.9
107
162
208
XBDAWT-00-0000-00000LBE7
Q2
87.4
100
150
194
XBDAWT-00-0000-00000LAE7
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on
CRI measurements. See the Measurements section (page 14).
Typical CRI for Neutral White, 3700 K - 5000K CCT is 75.
Typical CRI for Warm White, 2600 K - 3700 K CCT is 80.
Minimum CRI for 70 CRI Minimum Cool White is 70.
Minimum CRI for 80 CRI Minimum White is 80.
*
Flux values @ 25 °C are calculated and are for reference only.
** Calculated flux values at 700 mA and 1000 mA are for 85 °C and are for reference only.


Similar Part No. - XBDAWT-00-0000-000000F51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
More results

Similar Description - XBDAWT-00-0000-000000F51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com