Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1816-0000-000N00Q450F Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA1816-0000-000N00Q450F
Description  XLamp LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N00Q450F Datasheet(HTML) 3 Page - Cree, Inc

  CXA1816-0000-000N00Q450F Datasheet HTML 1Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00Q450F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
33
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXa1816 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 16).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
fLuX ChArACtEristiCs, EAsyWhitE® orDEr CoDEs AnD bins (i
f = 450 mA, tJ = 85 °C)
The following table provides order codes for XLamp CXA1816 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 14).
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-Step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
6500 K
70
75
P2
1830
2028
65F
CXA1816‑0000‑
000N00P265F
P4
1965
2177
CXA1816‑0000‑
000N00P465F
Q2
2100
2327
CXA1816‑0000‑
000N00Q265F
80
---
P2
1830
2028
65F
CXA1816‑0000‑
000N0HP265F
P4
1965
2177
CXA1816‑0000‑
000N0HP465F
Q2
2100
2327
CXA1816‑0000‑
000N0HQ265F
5700 K
70
75
P4
1965
2177
57F
CXA1816‑0000‑
000N00P457F
Q2
2100
2327
CXA1816‑0000‑
000N00Q257F
Q4
2260
2542
CXA1816‑0000‑
000N00Q457F
80
---
P2
1830
2028
57F
CXA1816‑0000‑
000N0HP257F
P4
1965
2177
CXA1816‑0000‑
000N0HP457F
Q2
2100
2327
CXA1816‑0000‑
000N0HQ257F
5000 K
70
75
P4
1965
2177
50H
CXA1816‑0000‑
000N00P450H
50F
CXA1816‑0000‑
000N00P450F
Q2
2100
2327
CXA1816‑0000‑
000N00Q250H
CXA1816‑0000‑
000N00Q250F
Q4
2260
2542
CXA1816‑0000‑
000N00Q450H
CXA1816‑0000‑
000N00Q450F
80
---
P2
1830
2028
50H
CXA1816‑0000‑
000N0HP250H
50G
50F
CXA1816‑0000‑
000N0HP250F
P4
1965
2177
CXA1816‑0000‑
000N0HP450H
CXA1816‑0000‑
000N0HP450G
CXA1816‑0000‑
000N0HP450F
Q2
2100
2327
CXA1816‑0000‑
000N0HQ250H
CXA1816‑0000‑
000N0HQ250G
CXA1816‑0000‑
000N0HQ250F
90
95
M4
1485
1645
50H
CXA1816‑0000‑
000N0UM450H
50G
CXA1816‑0000‑
000N0UM450G
50F
CXA1816‑0000‑
000N0UM450F
N2
1590
1762
CXA1816‑0000‑
000N0UN250H
CXA1816‑0000‑
000N0UN250G
CXA1816‑0000‑
000N0UN250F
N4
1710
1895
CXA1816‑0000‑
000N0UN450H
CXA1816‑0000‑
000N0UN450G
CXA1816‑0000‑
000N0UN450F


Similar Part No. - CXA1816-0000-000N00Q450F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N00Q20E1 CREE-CXA1816-0000-000N00Q20E1 Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00Q20E2 CREE-CXA1816-0000-000N00Q20E2 Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00Q20E3 CREE-CXA1816-0000-000N00Q20E3 Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00Q250F CREE-CXA1816-0000-000N00Q250F Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00Q250H CREE-CXA1816-0000-000N00Q250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1816-0000-000N00Q450F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com