Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1304-0000-000F00C450H Datasheet(PDF) 4 Page - Cree, Inc

Part # CXA1304-0000-000F00C450H
Description  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000F00C450H Datasheet(HTML) 4 Page - Cree, Inc

  CXA1304-0000-000F00C450H Datasheet HTML 1Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000F00C450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® CXa1304 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 29).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 9 V (i
f = 400 mA, tJ = 85 °C)
The following table provides order codes for XLamp CXA1304 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 26).
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
6500 K
70
75
B4
410
457
65F
CXA1304-0000-
000C00B465F
C2
440
490
CXA1304-0000-
000C00C265F
C4
475
527
CXA1304-0000-
000C00C465F
80
---
B4
410
457
65F
CXA1304-0000-
000C0HB465F
C2
440
490
CXA1304-0000-
000C0HC265F
C4
475
527
CXA1304-0000-
000C0HC465F
5700 K
70
75
C2
440
490
57F
CXA1304-0000-
000C00C257F
C4
475
527
CXA1304-0000-
000C00C457F
80
---
B4
410
457
57F
CXA1304-0000-
000C0HB457F
C2
440
490
CXA1304-0000-
000C0HC257F
C4
475
527
CXA1304-0000-
000C0HC457F
5000 K
70
75
C2
440
490
50H
CXA1304-0000-
000C00C250H
50F
CXA1304-0000-
000C00C250F
C4
475
527
CXA1304-0000-
000C00C450H
CXA1304-0000-
000C00C450F
80
---
B4
410
457
50H
CXA1304-0000-
000C0HB450H
50G
50F
CXA1304-0000-
000C0HB450F
C2
440
490
CXA1304-0000-
000C0HC250H
CXA1304-0000-
000C0HC250G
CXA1304-0000-
000C0HC250F
C4
475
527
CXA1304-0000-
000C0HC450H
CXA1304-0000-
000C0HC450G
CXA1304-0000-
000C0HC450F
90
95
A2
330
366
50H
CXA1304-0000-
000C0UA250H
50G
CXA1304-0000-
000C0UA250G
50F
CXA1304-0000-
000C0UA250F
A4
355
396
CXA1304-0000-
000C0UA450H
CXA1304-0000-
000C0UA450G
CXA1304-0000-
000C0UA450F
B2
380
423
CXA1304-0000-
000C0UB250H
CXA1304-0000-
000C0UB250G
CXA1304-0000-
000C0UB250F


Similar Part No. - CXA1304-0000-000F00C450H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E7 CREE-CXA1304-0000-000C00A40E7 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1304-0000-000F00C450H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com