Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5725JNBH3-I4T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5725JNBH3-I4T1U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5725JNBH3-I4T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5725JNBH3-I4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5725JNBH3-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S-5725 Series
www.sii-ic.com
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
© SII Semiconductor Corporation, 2011-2015
Rev.2.5_01
1
The S-5725 Series, developed by CMOS technology, is a high-accuracy Hall IC that operates with a high-sensitivity, a high-
speed detection and low current consumption.
The output voltage changes when the S-5725 Series detects the intensity level of magnetic flux density and a polarity
change. Using the S-5725 Series with a magnet makes it possible to detect the rotation status in various devices.
High-density mounting is possible by using the small SOT-23-3 or the super-small SNT-4A packages.
Due to its high-accuracy magnetic characteristics, the S-5725 Series can make operation's dispersion in the system
combined with magnet smaller.
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or
automobile equipment including car audio, keyless entry and engine control unit, contact to SII
Semiconductor Corporation is indispensable.
Features
• Pole detection:
Bipolar latch
• Detection logic for magnetism*1:
VOUT = "L" at S pole detection
VOUT = "H" at S pole detection
• Output form*1:
Nch open-drain output, CMOS output
• Magnetic sensitivity*1:
BOP = 0.8 mT typ.
BOP = 1.8 mT typ.
BOP = 3.0 mT typ.
BOP = 7.0 mT typ.
• Operating cycle (current consumption)*1:
tCYCLE = 50
μs (IDD = 1400.0 μA) typ.
tCYCLE = 1.25 ms (IDD = 60.0
μA) typ.
tCYCLE = 6.05 ms (IDD = 13.0
μA) typ.
• Power supply voltage range:
VDD = 2.7 V to 5.5 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Built-in power-down circuit:
Extends battery life (only SNT-4A)
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Plaything, portable game
• Home appliance
• Housing equipment
• Industrial equipment
Packages
• SOT-23-3
• SNT-4A


Similar Part No. - S-5725JNBH3-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725JNBH0-I4T1U SII-S-5725JNBH0-I4T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-5725JNBH3-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com