Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLCAWT-H1-0000-000XE1 Datasheet(PDF) 6 Page - Cree, Inc

Part # MLCAWT-H1-0000-000XE1
Description  XLamp LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MLCAWT-H1-0000-000XE1 Datasheet(HTML) 6 Page - Cree, Inc

Back Button MLCAWT-H1-0000-000XE1 Datasheet HTML 2Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 3Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 4Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 5Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 6Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 7Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 8Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 9Page - Cree, Inc MLCAWT-H1-0000-000XE1 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
66
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® mL-C LED
rELAtivE sPECtrAL PoWEr Distribution - WhitE
rELAtivE sPECtrAL PoWEr Distribution - royAL bLuE
Relative Spectral Power
ML-B OK
0
20
40
60
80
100
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000 K - 8300 K CCT
3500 K - 5000 K CCT
2600 K - 3500 K CCT
Relative Spectral Power - royal blue
0
20
40
60
80
100
380
430
480
530
580
630
680
730
780
Wavelength (nm)


Similar Part No. - MLCAWT-H1-0000-000XE1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLCAWT-H1-0000-000XE1 CREE-MLCAWT-H1-0000-000XE1 Datasheet
1Mb / 20P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
More results

Similar Description - MLCAWT-H1-0000-000XE1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com