Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1510-0000-000F0YG235H Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA1510-0000-000F0YG235H
Description  XLamp LED
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1510-0000-000F0YG235H Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA1510-0000-000F0YG235H Datasheet HTML 2Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 3Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 4Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 5Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 6Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 7Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 8Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 9Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® CXa1510 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 26).
Cree XLamp CXA1510 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
group
order Code
group
order Code
group
order Code
3500 K
80
---
H2
900
999
35H
CXA1510-0000-
000F00H235H
35G
CXA1510-0000-
000F00H235G
35F
CXA1510-0000-
000F00H235F
H4
970
1076
CXA1510-0000-
000F00H435H
CXA1510-0000-
000F00H435G
CXA1510-0000-
000F00H435F
J2
1040
1154
CXA1510-0000-
000F00J235H
CXA1510-0000-
000F00J235G
CXA1510-0000-
000F00J235F
90
95
F2
680
755
35H
CXA1510-0000-
000F0UF235H
35G
CXA1510-0000-
000F0UF235G
35F
CXA1510-0000-
000F0UF235F
F4
730
810
CXA1510-0000-
000F0UF435H
CXA1510-0000-
000F0UF435G
CXA1510-0000-
000F0UF435F
G2
780
866
CXA1510-0000-
000F0UG235H
CXA1510-0000-
000F0UG235G
CXA1510-0000-
000F0UG235F
93
95
F2
680
755
35H
CXA1510-0000-
000F0YF235H
35G
CXA1510-0000-
000F0YF235G
35F
CXA1510-0000-
000F0YF235F
F4
730
810
CXA1510-0000-
000F0YF435H
CXA1510-0000-
000F0YF435G
CXA1510-0000-
000F0YF435F
G2
780
866
CXA1510-0000-
000F0YG235H
CXA1510-0000-
000F0YG235G
CXA1510-0000-
000F0YG235F
3000 K
80
---
H2
900
999
30H
CXA1510-0000-
000F00H230H
30G
CXA1510-0000-
000F00H230G
30F
CXA1510-0000-
000F00H230F
H4
970
1076
CXA1510-0000-
000F00H430H
CXA1510-0000-
000F00H430G
CXA1510-0000-
000F00H430F
J2
1040
1154
CXA1510-0000-
000F00J230H
CXA1510-0000-
000F00J230G
CXA1510-0000-
000F00J230F
90
95
F2
680
755
30H
CXA1510-0000-
000F0UF230H
30G
CXA1510-0000-
000F0UF230G
30F
CXA1510-0000-
000F0UF230F
F4
730
810
CXA1510-0000-
000F0UF430H
CXA1510-0000-
000F0UF430G
CXA1510-0000-
000F0UF430F
G2
780
866
CXA1510-0000-
000F0UG230H
CXA1510-0000-
000F0UG230G
CXA1510-0000-
000F0UG230F
93
95
F2
680
755
30H
CXA1510-0000-
000F0YF230H
30G
CXA1510-0000-
000F0YF230G
30F
CXA1510-0000-
000F0YF230F
F4
730
810
CXA1510-0000-
000F0YF430H
CXA1510-0000-
000F0YF430G
CXA1510-0000-
000F0YF430F
G2
780
866
CXA1510-0000-
000F0YG230H
CXA1510-0000-
000F0YG230G
CXA1510-0000-
000F0YG230F
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 18 V (i
f = 500 mA, t= 85 °C) - COntinued


Similar Part No. - CXA1510-0000-000F0YG235H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
CXA1511M SONY-CXA1511M Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Cree, Inc
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J40E8 CREE-CXA1512-0000-000N00J40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J427F CREE-CXA1512-0000-000N00J427F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Similar Description - CXA1510-0000-000F0YG235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com