Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD400-0048-C940-7030000 Datasheet(PDF) 1 Page - Cree, Inc

Part # LMD400-0048-C940-7030000
Description  LED Module Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD400-0048-C940-7030000 Datasheet(HTML) 1 Page - Cree, Inc

  LMD400-0048-C940-7030000 Datasheet HTML 1Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 2Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 3Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 4Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 5Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 6Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 7Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 8Page - Cree, Inc LMD400-0048-C940-7030000 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LED MoDuLE DrivEr Data shEEt
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® LMD300, LMD400 & LMD600 LED Module Drivers
ProDuCt DEsCriPtion
Cree LeD modules provide lighting
designers and manufacturers with simple,
easy-to-adopt LeD lighting solutions that
reduce luminaire development time and
speed time-to-market. Cree LMD300,
LMD400 and LMD600 LeD module
drivers are specifically designed to work
with the Cree LMH2 2000-, 3000-, 4000-
and 6000-lumen light sources to jump-
start the design process for recessed
downlights, wall sconces or pendant
lights in demanding end markets such
as retail, museums, hospitality and
restaurants.
FEaturEs
• Input voltage options: 100‑240 V,
100‑277 V, 120‑277 V & 220‑240 V
• 0/1‑10 V dimming support for
100‑240 V, 100‑277 V, 120‑277 V &
220‑240 V options
• DALI + Touch dimming support for
220‑240 V option
• Optimized for Cree LMH2 2000-,
3000- 4000- and 6000-lm light
sources
• LMD400 enables California Title
24 compliance
tabLE oF ContEnts
Order Codes.................................................2
Characteristics - LMD300 100- to 240-v
0/1‑10 V Dimming Driver ............................2
Characteristics - LMD300 120- to 277-v
0/1‑10 V Dimming Driver ............................3
Characteristics - LMD300 220- to 240-v
0/1‑10 V Dimming Driver ............................3
Characteristics - LMD300 220- to 240-v
DALI + Touch Dimming Driver ....................4
Characteristics - LMD400 120- to 277-v
0/1‑10 V Dimming Driver ............................4
Characteristics - LMD600 100- to 277-v
0/1‑10 V Dimming Driver ............................5
Dimming ......................................................6
Mechanical Dimensions .............................7
Wiring Diagrams....................................... 10
Thermal Design........................................ 13
emergency Battery Operation ................. 13
Safety and Regulatory Notes................... 14
Packaging................................................. 16


Similar Part No. - LMD400-0048-C940-7030000

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD4411-2AEG-XX LIGITEK-LMD4411-2AEG-XX Datasheet
124Kb / 9P
   Electrical Connection
LMD4411-2AEGR-XX LIGITEK-LMD4411-2AEGR-XX Datasheet
124Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.85Inch)
More results

Similar Description - LMD400-0048-C940-7030000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD125 CREE-LMD125 Datasheet
1Mb / 12P
   LED Module Drivers
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com