Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-306131-1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 2-306131-1
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-306131-1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  2-306131-1 Datasheet HTML 1Page - TE Connectivity Ltd 2-306131-1 Datasheet HTML 2Page - TE Connectivity Ltd 2-306131-1 Datasheet HTML 3Page - TE Connectivity Ltd 2-306131-1 Datasheet HTML 4Page - TE Connectivity Ltd 2-306131-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408-10039
Rev D
4 of 5
Figure 4
Recommended Plug Gage Design
DIES
WIRE BARREL PLUG GAGE (mm [in.])
INSULATION BARREL PLUG GAGE (mm [in.])
GO
NO-GO
GO
NO-GO
W (Width)
576711
2.591-2.598 [.1020-.1023]
2.690-2.692 [.1059-.1060]
0.813-0.820 [.0320-.0323]
1.217-1.219 [.0479-.0480]
4.06 [.160]
576720
2.591-2.598 [.1020-.1023]
2.690-2.692 [.1059-.1060]
1.067-1.074 [.0420-.0423]
1.471-1.473 [.0579-.0580]
4.39 [.173]
576715
3.048-3.056 [.1200-.1203]
3.147-3.150 [.1239-.1240]
0.940-0.947 [.0370-.0373]
1.344-1.346 [.0529-.0530]
5.89 [.232]
576714
3.124-3.132 [.1230-.1233]
3.223-3.226 [.1269-.1270]
0.940-0.947 [.0370-.0373]
1.344-1.346 [.0529-.0530]
5.89 [.232]
576716
3.327-3.335 [.1310-.1313]
3.426-3.429 [.1349-.1350]
1.067-1.074 [.0420-.0423]
1.471-1.473 [.0579-.0580]
6.63 [.261]
576742
3.683-3.691 [.1450-.1453]
3.782-3.785 [.1489-.1490]
1.067-1.074 [.0420-.0423]
1.471-1.473 [.0579-.0580]
6.63 [.261]
576723
4.775-4.783 [.1880-.1883]
4.874-4.877 [.1919-.1920]
1.676-1.684 [.0660-.0663]
2.080-2.083 [.0819-.0820]
8.43 [.332]
GO Gage Must Pass Completely Through
Crimping Chamber
Inspection
Wire Barrel Crimping Chamber
Insulation Barrel Crimping Chamber
NO-GO Gage May Enter Partially, but Must Not
Pass Completely Through Crimping Chamber
Wire Barrel
Die Closure
Configuration
Insulation Barrel
Die Closure
Configuration
NO-GO Gage May Enter Partially, but Must Not
Pass Completely Through Crimping Chamber
GO Gage Must Pass Completely Through
Crimping Chamber
Dies Bottomed but
Not Under Pressure
Spacers in
Position 3
Crimping
Chamber
Crimping
Chamber
Spacers in
Position 1
Dies Bottomed but
Not Under Pressure
GO
Dimension
NO-GO
Dimension
GO
Dimension
NO-GO
Dimension
W
6.35 mm [.250 in.] Typ
50.8 mm [2.00 in.] Min. Typ


Similar Part No. - 2-306131-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-306131-1 MACOM-2-306131-1 Datasheet
146Kb / 6P
   Read these instructions and referenced documents before crimping any splices
More results

Similar Description - 2-306131-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com